Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEB-20FD64 Datasheet(PDF) 1 Page - CUI INC

Part # CEB-20FD64
Description  piezo electric diaphragm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CEB-20FD64 Datasheet(HTML) 1 Page - CUI INC

  CEB-20FD64 Datasheet HTML 1Page - CUI INC CEB-20FD64 Datasheet HTML 2Page - CUI INC CEB-20FD64 Datasheet HTML 3Page - CUI INC CEB-20FD64 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part No: CEB-20FD64
Description: piezo electric diaphragm
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Date: 6/25/2007
Unit: mm
Page No: 1 of 4
Specifications
Maximum input voltage
30 Vp-p
Resonant frequency
6.4 ± 0.5 KHz
see Measurement Methods
Resonant impedance
400 Ω max.
see Measurement Methods
Electrostatic capacitance
10,000 ±30% pF
at 1 KHz / 1 V
Operating temperature
-20 ~ +70° C
Storage temperature
-30 ~ +80° C
Dimensions
ø20.0 x H0.43 mm
Weight
1.50 g max.
Material
Brass
Terminal
Wire type
DC resistance
20 Ω min.
Fluke 45 rate: Fast, Measurement time: 1 second
(test must be for only ≤ 20mm)
RoHS
yes
Appearance Drawing
Tolerance: ±0.5
red wire
blue wire
black wire
---M
---F
---G
For more information, please visit the product page.


Similar Part No. - CEB-20FD64

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results

Similar Description - CEB-20FD64

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-M2SC FUJITSU-FAR-M2SC Datasheet
38Kb / 6P
Piezo Electric VCO
logo
Rohm
BD9825FV ROHM-BD9825FV Datasheet
200Kb / 6P
Piezo Electric Transformer Inverter Control IC
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
196Kb / 13P
Piezo-Electric Actuator Controller
logo
CUI INC
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
piezo electric diaphragm
logo
CUI Devices
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com