Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9821 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PS9821
Description  HIGH CMR, 10 Mbps 3.3V OPEN COLLECTOR OUTPUT TYPE SO8 OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PS9821 Datasheet(HTML) 3 Page - California Micro Devices Corp

  PS9821 Datasheet HTML 1Page - California Micro Devices Corp PS9821 Datasheet HTML 2Page - California Micro Devices Corp PS9821 Datasheet HTML 3Page - California Micro Devices Corp PS9821 Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS (TA = 25°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
20
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation
PC
40
mW
Isolation Voltage *1
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−
40 to +85
°
C
Storage Temperature
Tstg
−
55 to +125
°
C
*1 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
12.5
mA
Supply Voltage
VCC
2.7
-
3.6
V
TTL (RL = 1 kΩ, loads)
N
5
Pull-up resistor
RL
330
4 k
Ω
PS9821-1/-2
Preliminary Data Sheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com