Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPE-1785 Datasheet(PDF) 2 Page - CUI INC

Part # CPE-1785
Description  PIEZO AUDIO TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CPE-1785 Datasheet(HTML) 2 Page - CUI INC

  CPE-1785 Datasheet HTML 1Page - CUI INC CPE-1785 Datasheet HTML 2Page - CUI INC CPE-1785 Datasheet HTML 3Page - CUI INC CPE-1785 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
date
page
PART NUMBER:
DESCRIPTION:
09/2010
2 of 4
PIEZO AUDIO TRANSDUCER
CPE-1785
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
FREQUENCY RESPONSE CURVE
MEASUREMENT METHOD
S.P.L. Measuring Circuit
Input signal: 10 V p-p, square wave, 4,000 Hz
Mic: RION S.P.L. meter UC30 or equivalent
S.G.: Hewlett Packard 33120A function generator or equivalent
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com