Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB101 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DB101
Description  SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DB101 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DB101 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB101 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB101 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DB101 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1778, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DB101-DB107
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol
DB101
DB102
DB103
DB104
DB105
DB106
DB107
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average forward rectified output current
(Note 1)
@TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF =1.0A
VF
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance(per leg)
(Note 2)
CJ
25
pF
Typical Thermal Resistance (per leg)
RθJA
RθJL
40
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com