Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8031 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA8031
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8031 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA8031 Datasheet HTML 35Page - NXP Semiconductors TDA8031 Datasheet HTML 36Page - NXP Semiconductors TDA8031 Datasheet HTML 37Page - NXP Semiconductors TDA8031 Datasheet HTML 38Page - NXP Semiconductors TDA8031 Datasheet HTML 39Page - NXP Semiconductors TDA8031 Datasheet HTML 40Page - NXP Semiconductors TDA8031 Datasheet HTML 41Page - NXP Semiconductors TDA8031 Datasheet HTML 42Page - NXP Semiconductors TDA8031 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
2003 Jul 04
39
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
Table 34 Power-on value for Set end-points enable
Table 35 Power-on value for Read interrupt register
Note
1. The Device event bit is cleared by issuing the Get Device Status command.
Table 36 Read current frame number
Table 37 Set device status command functions
FUNCTION
76543210
Enable all
end-points
−−−−−−−
0
Reserved
−−−−−−−−
FUNCTION
76543210
Physical EP0 (control output end-point)
−−−−−−−
0
Physical EP1 (control input end-point)
−−−−−−
0
−
Physical EP2 (generic output end-point)
−−−−−
0
−−
Physical EP3 (generic input end-point)
−−−−
0
−−−
Physical EP4 (generic input end-point)
−−−
0
−−−−
Physical EP5 (generic input end-point)
−−
0
−−−−−
Reserved
−
0
−−−−−−
Device event(1)
0
−−−−−−−
BYTE
76543210
Byte 0
FFFFFFFF
Byte 1
00000
F
F
F
FUNCTION
TYPE
INTERRUPT
76543210
Reserved
−
−
−−−−−−
00
Suspend
read/write
no
−−−−−
0
−−
Suspend change read only;
cleared on read
yes
−−−−
0
−−−
Bus reset
read only;
cleared on read
yes
−−−
0
−−−−
Reserved
−
−
−−−−−−−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com