Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3ZB13 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MM3ZB13
Description  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MM3ZB13 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MM3ZB13 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB13 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB13 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB13 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MM3ZB13 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1354, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
MM3Z SERIES
MM3Z2B4-MM3ZB75 ZENER DIODES
Features:
•
Power Dissipation: 300 mW
•
Zener Voltage Tolerance: ± 2%
Mechanical Data:
•
Case: SOD-323, Molded Plastic
•
Terminals: Plated Leads Solderable per MIL-STD-202, Method 208
•
Polarity :Cathode Band
•
Marking: Marking Code
Mechanical Dimensions: In mm
SOD-323(XH)


Similar Part No. - MM3ZB13

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3ZB13 SEMTECH_ELEC-MM3ZB13 Datasheet
208Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3ZB13 HTSEMI-MM3ZB13 Datasheet
503Kb / 3P
Silicon Planar Zener Diodes
logo
Surge Components
MM3ZB13 SURGE-MM3ZB13 Datasheet
564Kb / 3P
Silicon Planar Zener Diodes
logo
Guangdong Huixin Electr...
MM3ZB13-A HUIXIN-MM3ZB13-A Datasheet
2Mb / 4P
Silicon Planar Zener Diodes
logo
Zowie Technology Corpor...
MM3ZB13H ZOWIE-MM3ZB13H Datasheet
151Kb / 2P
SILICON PLANAR ZENER DIODES Halogen-free type
More results

Similar Description - MM3ZB13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com