Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC0401K Datasheet(PDF) 1 Page - CUI INC

Part # GC0401K
Description  LOW PROFILE NOTEBOOK SPEAKER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GC0401K Datasheet(HTML) 1 Page - CUI INC

  GC0401K Datasheet HTML 1Page - CUI INC GC0401K Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: speaker
1 of 2
12/31/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: GC0401K
SPECIFICATIONS
nominal size
28.5 x 40 mm
impedance
8 Ohm ± 15%
at
1.5 kHz 1 V
resonant frequency
390 Hz ± 78 Hz
at
1 V
sound pressure level
82 dB/W ± 3 dB
1 W 50 cm ave. at 0.6 k, 0.8 k, 1 k, 1.2 k Hz
response
Fo Hz ~ 20 kHz max 10 dB
input power
nominal
1 W
handling capacity
2 W
operation
must be normal at program source 1 W
buzz, rattle, etc.
must be normal at sine wave 2.83 V
magnet
size: 12.5 x 1.8 mm
load test
white noise
1 W
for
24 hours
heat test
65 ± 2° C
20~50% R.H.
24 hours
humidity test
40 ± 2° C
90~95% R.H.
24 hours
FREQUENCY RESPONSE CURVE
potentiometer range
50 dB
rectifier
RMS
lower limit frequency
20 Hz
wr. speed
100 mm/sec
zero level 60 dB
For more information, please visit the product page.


Similar Part No. - GC0401K

ManufacturerPart #DatasheetDescription
logo
CUI Devices
GC0401MA CUID-GC0401MA Datasheet
717Kb / 3P
SPEAKER
08/05/2022
logo
CUI INC
GC0401S CUI-GC0401S Datasheet
96Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0401S CUID-GC0401S Datasheet
366Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - GC0401K

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
CUI INC
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
CLS0231-L152 CUI-CLS0231-L152 Datasheet
202Kb / 2P
LOW PROFILE SPEAKER
CLS0261MAE-L152 CUI-CLS0261MAE-L152 Datasheet
819Kb / 2P
LOW PROFILE SPEAKER
GC0301K CUI-GC0301K Datasheet
163Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0401S CUI-GC0401S Datasheet
96Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351P-1 CUI-GC0351P-1 Datasheet
595Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0351P-3 CUI-GC0351P-3 Datasheet
557Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
GC0402MA CUI-GC0402MA Datasheet
120Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com