Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC0351K Datasheet(PDF) 2 Page - CUI INC

Part # GC0351K
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GC0351K Datasheet(HTML) 2 Page - CUI INC

  GC0351K Datasheet HTML 1Page - CUI INC GC0351K Datasheet HTML 2Page - CUI INC GC0351K Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: GC0351K │ DESCRIPTION: SPEAKER
date
09/12/2012 │ page 2 of 3
mm GAP
REQUIRED
FOR CONE
1.0
OPERATION
+
-
1.40
(2 PLCS)
16.0
16.0
4.0
35.0
(TYP)
(TYP)
20.0
31.0
2.0
(4 PLCS)
4.5
8.0
2.3
MECHANICAL DRAWING
units: mm
tolerance: ±0.5mm unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com