Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-30S Datasheet(PDF) 1 Page - CUI INC

Part # PD-30S
Description  3-PIN POWER DIN JACK, RIGHT ANGLE, WITH SHIELDING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PD-30S Datasheet(HTML) 1 Page - CUI INC

  PD-30S Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.5 0.453
16.0 0.630
(2 PLCS)
5.5 0.217
7.5 0.295
(4 PLCS)
5.0 0.197
(2 PLCS)
1.1 0.043
15.6 0.614
(2 PLCS)
1.7 0.067
(2 PLCS)
2.2 0.087
(2 PLCS)
6.0 0.236
7.1 0.280
5.0 0.197
6.0 0.236
5.5 0.217
7.5 0.295
(TYP)
11.5 0.453
14.65 0.577
(TYP)
9.0 0.354
16.0 0.630
(TYP)
1
(3 PLCS)
PCB LAYOUT
2.2X0.6
TOP VIEW
(2 PLCS)
0.6X2.5
3
2
REV.
DESCRIPTION
DATE
A
NEW DRAWING
11/19/2008
B
update to tolerance
9/8/2009
Website: www.cui.com
CONTACT RESISTANCE: 30m OHMS MAX
TOLERANCE:
Phosphor Bronze
INSERTION FORCE: 6.0KG MAX
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
±0.2mm UNLESS OTHERWISE
WITHDRAWAL FORCE: 0.5 - 6.0KG
VOLTAGE WITHSTAND: 250V AC R.M.S. FOR 1 MINUTE
Steel
B
LIFE: 1,000 CYCLES
Tin
RoHS
SPECIFIED
SHIELD
Brass
TERMINALS 2-3
Tin
MATERIAL
TERMINAL 1
EARTH TERMINAL
HOUSING
PLATING
Tin
PBT
Brass
SPECIFICATIONS:
RATING: 20V DC@ 7.5A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Tin
APPROVED BY:
PC FILE NAME:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
3:1
WITH SHIELDING
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
PD-30S
PD-30S
3-PIN POWER DIN JACK, RIGHT ANGLE,
REV:
1
3
2
0.138
12.9 0.508
0.630
16.0
0.567
14.4
0.591
15.0
(TYP)
3.5
1.8 0.071
17.4 0.685
0.157
4.0
0.118
3.0
2.0 0.079
(TYP)
For more information, please visit the product page.


Similar Part No. - PD-30S

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PD-30S CUID-PD-30S Datasheet
345Kb / 3P
POWER DIN JACK
02/18/2022
More results

Similar Description - PD-30S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
4-PIN POWER DIN JACK, RIGHT ANGLE, NOSHIELDING
logo
Adam Technologies, Inc.
MDJ-004-FS-PG4 ADAM-TECH-MDJ-004-FS-PG4 Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-4P ADAM-TECH-MDJ-4P Datasheet
78Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-006-FS-SL-HT ADAM-TECH-MDJ-006-FS-SL-HT Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-009 ADAM-TECH-MDJ-009 Datasheet
109Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-009-FS ADAM-TECH-MDJ-009-FS Datasheet
95Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-009-S ADAM-TECH-MDJ-009-S Datasheet
85Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-010-FS-PG4 ADAM-TECH-MDJ-010-FS-PG4 Datasheet
83Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-H-4P ADAM-TECH-MDJ-H-4P Datasheet
78Kb / 1P
MINI DIN JACK RIGHT ANGLE
logo
CUI INC
PD-30 CUI-PD-30 Datasheet
27Kb / 1P
3-PIN POWER DIN JACK, RIGHT ANGLE, NO SHIELDING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com