Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11C06 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C06
Description  750 MHz D-Type Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C06 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  11C06 Datasheet HTML 1Page - National Semiconductor (TI) 11C06 Datasheet HTML 2Page - National Semiconductor (TI) 11C06 Datasheet HTML 3Page - National Semiconductor (TI) 11C06 Datasheet HTML 4Page - National Semiconductor (TI) 11C06 Datasheet HTML 5Page - National Semiconductor (TI) 11C06 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9890
Not Intended For New Designs
August 1992
11C06
750 MHz D-Type Flip-Flop
General Description
The 11C06 is a high-speed ECL D-Type Master-Slave Flip-
Flop capable of toggle rates over 750 MHz Designed pri-
marily for high-speed prescaling it can also be used in any
application which does not require preset inputs The circuit
is voltage-compensated which makes input thresholds and
output levels insensitive to VEE variations Complementary
Q and Q outputs are provided as are two Data inputs Clock
and Clock Enable inputs The 11C06 is pin-compatible with
the Motorola MC1690L but is a higher-frequency replace-
ment
Logic Symbol
Connection Diagrams
TLF9890 – 3
16-Pin DIP
TLF9890 – 1
16-Pin Flatpak
TLF9890 – 2
Pin Names
Description
Dn
Data Input
CP
Clock Input
CE
Clock Enable (Active LOW)
Q Q
Outputs
Truth Table
CE
CP
D
Qn
LL
X
Qnb1
LH
X
Qnb1
L
L
LL
L
L
HH
HX
X
Qnb1
H e HIGH Voltage Level
L e LOW Voltage Level
X e Don’t Care
L e LOW to HIGH Transition
Qnb1 e Previous State
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 11C06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
Dual 5-4 Input OR/NOR Gate
logo
Elma Electronic Ltd
11C04AD248Y2HC3X ELMA-11C04AD248Y2HC3X Datasheet
636Kb / 2P
Type 11C, 4U - 19” Rackmount
More results

Similar Description - 11C06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
OCTAL D TYPE FLIP FLOP
Feb-1993
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com