Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39SF020 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # 39SF020
Description  2 Megabit (256K x 8) Multi-Purpose Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

39SF020 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  39SF020 Datasheet HTML 1Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 2Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
2 Megabit (256K x 8) Multi-Purpose Flash
SST39SF020
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
© 1998 Silicon Storage Technology, Inc. The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon storage Technology, Inc.
326-10 12/98
These specifications are subject to change without notice.
FEATURES:
•
Organized as 256 K X 8
•
Single 5.0V Read and Write Operations
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption:
– Active Current: 20 mA (typical)
– Standby Current: 10 µA (typical)
•
Sector Erase Capability
– Uniform 4 KByte sectors
•
Fast Read Access Time:
– 70 and 90 ns
•
Latched Address and Data
•
Fast Sector Erase and Byte Program:
– Sector Erase Time: 7 ms (typical)
– Chip Erase Time: 15 ms (typical)
– Byte Program time: 20 µs (typical)
– Chip Rewrite Time: 5 seconds (typical)
•
Automatic Write Timing
- Internal Vpp Generation
•
End of Write Detection
– Toggle Bit
– Data# Polling
•
TTL I/O Compatibility
•
JEDEC Standard
– EEPROM Pinouts and command set
•
Packages Available
– 32-Pin PDIP
– 32-Pin PLCC
– 32-Pin TSOP (8mm x 14mm)
PRODUCT DESCRIPTION
The SST39SF020 is a 256K x 8 CMOS Multi-Purpose
Flash (MPF) manufactured with SST’s proprietary, high
performance CMOS SuperFlash technology. The split
gate cell design and thick oxide tunneling injector attain
better reliability and manufacturability compared with
alternate approaches. The SST39SF020 device writes
(Program or Erase) with a 5.0V-only power supply. The
SST39SF020 device conforms to JEDEC standard
pinouts for x8 memories.
Featuring high performance byte program, the
SST39SF020 device provides a maximum byte-pro-
gram time of 30 µsec. The entire memory can be erased
and programmed byte by byte typically in 5 seconds,
when using interface features such as Toggle Bit or
Data# Polling to indicate the completion of Program
operation. To protect against inadvertent write, the
SST39SF020 device has on-chip hardware and soft-
ware data protection schemes. Designed, manufac-
tured, and tested for a wide spectrum of applications, the
SST39SF020 device is offered with a guaranteed endur-
ance of 10,000 cycles. Data retention is rated at greater
than 100 years.
The SST39SF020 device is suited for applications that
require convenient and economical updating of program,
configuration, or data memory. For all system applica-
tions, the SST39SF020 device significantly improves
performance and reliability, while lowering power
consumption. The SST39SF020 inherently uses less
energy during erase and program than alternative flash
technologies. The total energy consumed is a function of
the applied voltage, current, and time of application.
Since for any given voltage range, the SuperFlash tech-
nology uses less current to program and has a shorter
erase time, the total energy consumed during any Erase
or Program operation is less than alternative flash tech-
nologies. The SST39SF020 device also improves flex-
ibility while lowering the cost for program, data, and
configuration storage applications.
The SuperFlash technology provides fixed Erase and
Program times, independent of the number of endurance
cycles that have occurred. Therefore the system soft-
ware or hardware does not have to be modified or de-
rated as is necessary with alternative flash technologies,
whose erase and program times increase with accumu-
lated endurance cycles.
To meet high density, surface mount requirements, the
SST39SF020 device is offered in 32-pin TSOP and 32-
pin PLCC packages. A 600 mil, 32-pin PDIP is also
available. See Figures 1 and 2 for pinouts.
Device Operation
Commands are used to initiate the memory operation
functions of the device. Commands are written to the
device using standard microprocessor write sequences.
A command is written by asserting WE# low while


Similar Part No. - 39SF020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
39SF51270 SST-39SF51270 Datasheet
340Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - 39SF020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
2-Megabit 256K x 8 OTP EPROM
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
logo
List of Unclassifed Man...
EN29F002N ETC-EN29F002N Datasheet
267Kb / 32P
2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
2 Megabit (256K x 8-bit) Flash Memory
logo
Silicon Storage Technol...
SST39VF800Q SST-SST39VF800Q Datasheet
248Kb / 23P
8 Megabit (512K x 16-Bit) Multi-Purpose Flash
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com