Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12F80 Datasheet(PDF) 2 Page - International Rectifier

Part # 12F80
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12F80 Datasheet(HTML) 2 Page - International Rectifier

  12F80 Datasheet HTML 1Page - International Rectifier 12F80 Datasheet HTML 2Page - International Rectifier 12F80 Datasheet HTML 3Page - International Rectifier 12F80 Datasheet HTML 4Page - International Rectifier 12F80 Datasheet HTML 5Page - International Rectifier 12F80 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12F(R) Series
2
Bulletin I20205 rev. A 09/98
www.irf.com
Voltage
V
RRM
, maximum
V
RSM
, maximum non-
V
R(BR)
, minimum
I
RRM
max.
Type number
Code
repetitive peak
repetitive peak
avalanche
@ T
J = 175°C
reverse voltage
reverse voltage
voltage
VV
V
(1)
mA
10
100
150
--
20
200
275
--
40
400
500
500
12F(R)
60
600
725
750
12
80
800
950
950
100
1000
1200
1150
120
1200
1400
1350
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
12
A
180° conduction, half sine wave
@ Case temperature
144
°C
I
F(RMS)
Max. RMS forward current
19
A
P
R
Maximum non-repetitive
7
K/W
10µs square pulse, T
J = T J max.
peak reverse power
see note (2)
I
FSM
Max. peak, one-cycle forward,
265
t = 10ms
No voltage
non-repetitive surge current
280
t = 8.3ms
reapplied
225
t = 10ms
100% V
RRM
235
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
351
t = 10ms
No voltage
Initial T
J = TJ max.
320
t = 8.3ms
reapplied
250
t = 10ms
100% V
RRM
226
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
3510
A2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.26
V
I
pk
= 38A, T
J = 25°C, t
p
= 400µs rectangular wave
Parameter
12F(R)
Units Conditions
6.20
(I >
π x I
F(AV)), TJ = TJ max.
10.70
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
m
Ω
0.97
(I >
π x I
F(AV)), TJ = TJ max.
0.77
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
V
A2s
A
Forward Conduction
(2) Available only for Avalanche version, all other parameters the same as 12F.
(1) Avalanche version only available from V
RRM 400V to 1200V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com