Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500M Datasheet(PDF) 7 Page - STMicroelectronics

Part # DMV1500M
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500M Datasheet(HTML) 7 Page - STMicroelectronics

  DMV1500M Datasheet HTML 1Page - STMicroelectronics DMV1500M Datasheet HTML 2Page - STMicroelectronics DMV1500M Datasheet HTML 3Page - STMicroelectronics DMV1500M Datasheet HTML 4Page - STMicroelectronics DMV1500M Datasheet HTML 5Page - STMicroelectronics DMV1500M Datasheet HTML 6Page - STMicroelectronics DMV1500M Datasheet HTML 7Page - STMicroelectronics DMV1500M Datasheet HTML 8Page - STMicroelectronics DMV1500M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
7/9
DMV1500M
DMV1500M
/
F5
DAMPER AND MODULATION DIODES FOR VIDEO
LEAD BENDING (OPTION)
ORDERING INFORMATION
1
10
100
200
1
10
100
VR(V)
C(pF)
Tj=25°C
F=1MHz
Fig. 11: Junction capacitance versus reverse voltage
applied (typical values) (damper & modulation di-
odes).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com