Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTF100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTF100
Description  Coaxial cables used in cabled distribution networks designed according the European
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CTF100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTF100 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTF100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
Code CTF100
version 1
date 2008-04-09
COAX CTF100
page 2/2
Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
Electrical characteristics
Mean characteristic impedance:
75 ± 3 Ω
Regularity of impedance:
>40dB or <1%
DC loop resistance:
≤ 41 Ohm/km
DC resistance inner conductor:
≤ 26 Ohm/km
DC resistance outer conductor:
≤ 15 Ohm/km
Capacitance:
55.0 pF/m ± 2.0 pF/m
Velocity ratio:
0.82 ± 0.02
Insulation resistance:
> 10
4 MOhm.km
Voltage test of dielectric:
2 kVdc
Screening efficiency after flexing
30-1000 MHz:
≥ 75 dB
1000 – 2000 MHz:
≥ 65 dB
2000 – 3000 MHz:
≥ 55 dB
Return loss at
5-30 MHz:
≥ 20 dB*
30-470 MHz:
≥ 20 dB*
470-1000 MHz:
≥ 18 dB*
1000-2000 MHz:
≥ 16 dB*
2000-3000 MHz:
≥ 15 dB*
*Max. 3 peak values 4 dB lower than specified.
Attenuation at
Maximal
Attenuation at
Maximal
5 MHz:
1.6 dB/100m
860 MHz:
19.5 dB/100m
50 MHz:
4.6 dB/100m
1000 MHz:
21.5 dB/100m
100 MHz:
6.5 dB/100m
1750 MHz:
29.0 dB/100m
200 MHz:
9.5 dB/100m
2150 MHz:
32.5 dB/100m
460 MHz:
15.0 dB/100m
2400 MHz:
34.4 dB/100m
800 MHz:
18.8 dB/100m
3000 MHz:
38.4 dB/100m
REVISIONS
#
Description
Date
Initials
Belden CDT believes this product to be in compliance with the environmental regulations EU RoHS (Directive 2002/95/EC,
27 January 2003); this is valid for all material produced after the RoHS compliant date for this product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com