Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500 Datasheet(PDF) 8 Page - STMicroelectronics

Part # DMV1500
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500 Datasheet(HTML) 8 Page - STMicroelectronics

  DMV1500 Datasheet HTML 1Page - STMicroelectronics DMV1500 Datasheet HTML 2Page - STMicroelectronics DMV1500 Datasheet HTML 3Page - STMicroelectronics DMV1500 Datasheet HTML 4Page - STMicroelectronics DMV1500 Datasheet HTML 5Page - STMicroelectronics DMV1500 Datasheet HTML 6Page - STMicroelectronics DMV1500 Datasheet HTML 7Page - STMicroelectronics DMV1500 Datasheet HTML 8Page - STMicroelectronics DMV1500 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
®
DMV1500M
8/9
PACKAGE MECHANICAL DATA
TO-220AB F5 OPTION
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
15.20
15.90
0.598
0.625
a1
24.16
26.90
0.951
1.059
a3
1.65
2.41
0.064
0.094
B
10.00
10.40
0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
I
3.75
3.85
0.147
0.151
L
2.65
2.95
0.104
0.116
I2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
l4
15.80
16.80
0.622
0.661
16.40 typ.
0.645 typ.
M1
2.92
3.30
0.114
0.129
R1
1.40 typ.
0.055 typ.
R2
1.40 typ.
0.055 typ.
c2
B
a1
C
b2
l2
c2
a3
R2
R1
l3
b1
l4
A
F
L
I
e
c1
M1
Ø
s
Cooling method: by conduction (c)
s
Recommended torque value: 0.8 m.N.
s
Maximum torque value: 1 m.N.
2.2mm
2.54mm
1mm
3.1mm
PRINTED CIRCUIT LAYOUT FOR F5 LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com