Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-400 Datasheet(PDF) 3 Page - CUI INC

Part # PCM-400
Description  AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCM-400 Datasheet(HTML) 3 Page - CUI INC

  PCM-400 Datasheet HTML 1Page - CUI INC PCM-400 Datasheet HTML 2Page - CUI INC PCM-400 Datasheet HTML 3Page - CUI INC PCM-400 Datasheet HTML 4Page - CUI INC PCM-400 Datasheet HTML 5Page - CUI INC PCM-400 Datasheet HTML 6Page - CUI INC PCM-400 Datasheet HTML 7Page - CUI INC PCM-400 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
date 12/02/2014
page 3 of 8
CUI Inc
│ SERIES: PCM-400 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
U-frame models: 152.40 x 101.60 x 38.10
CNF models: 152.40 x 101.60 x 39.90
CF models: 152.40 x 101.60 x 54.45
CFS models: 177.80 x 101.60 x 40.64
mm
mm
mm
mm
weight
U-frame models
CNF models
CF models
CFS models
600
650
800
750
g
g
g
g
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
0
70
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
vibration
at 5~50 Hz, along the X, Y, and Z axis
±0.75
G
DERATING CURVE
100
80
60
40
20
Ambient Temperature (°C)
Safe operating area
40
30
20
10
0
0
50
60
70
50
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com