Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMZ2 Datasheet(PDF) 1 Page - Rohm

Part # EMZ2
Description  Power management (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMZ2 Datasheet(HTML) 1 Page - Rohm

  EMZ2 Datasheet HTML 1Page - Rohm EMZ2 Datasheet HTML 2Page - Rohm EMZ2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMZ2 / UMZ2N / FMY4A / IMZ2A
Transistors
1/2
Power management (dual transistors)
EMZ2 / UMZ2N / FMY4A / IMZ2A
!
!
!
!
Feature
1) Both a 2SA1037AK chip and 2SC2412K chip in a
EMT or UMT or SMT package.
!
!
!
!
Equivalent circuits
EMZ2 / UMZ2N
(3)
(2)
(1)
(4)
(5)
(6)
FMY4A
(3)
(2)
(1)
(4)
(5)
Tr2
Tr1
Tr1
Tr2
IMZ2A
(4)
(5)
(6)
(3)
(2)
(1)
Tr1
Tr2
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
−60
60
Tr1
Tr2
Unit
V
−50
50
V
−67
−150
150
V
mA
300 (TOTAL)
−55~+150
°C
150
°C
VCBO
VCEO
VEBO
IC
150 (TOTAL)
∗2
∗1
FMY4A, IMZ2A
EMZ2, UMZ2N
mW
PC
Tj
Tstg
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
!
!
!
!
Package, marking, and packaging specifications
Part No.
UMZ2N
UMT6
Z2
TR
3000
EMZ2
EMT6
Z2
T2R
8000
FMY4A
SMT5
Y4
T148
3000
IMZ2A
SMT6
Z2
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)
!
!
!
!
External dimensions (Units : mm)
ROHM : EMT6
ROHM : UMT6
ROHM : SMT5
FMY4A
UMZ2N
EMZ2
EIAJ : SC-88
EIAJ : SC-74A
Each lead has same dimensions
0.1Min.
2.1
1.25
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT6
IMZ2A
EIAJ : SC-74
Each lead has same dimensions
0.3to0.6
2.8
1.6
Each lead has same dimensions
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - EMZ2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ2 ROHM-EMZ2 Datasheet
106Kb / 5P
Power management (dual transistors)
EMZ2 ROHM-EMZ2 Datasheet
85Kb / 5P
Power management (dual transistors)
EMZ2 ROHM-EMZ2 Datasheet
85Kb / 5P
Power management (dual transistors)
EMZ2 ROHM-EMZ2 Datasheet
85Kb / 5P
Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
Power management (dual transistors)
More results

Similar Description - EMZ2

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
Power management (dual transistors)
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
Power management (dual transistors)
EMF8 ROHM-EMF8 Datasheet
83Kb / 5P
Power management (dual transistors)
UMY4N ROHM-UMY4N Datasheet
61Kb / 2P
Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
Power management (dual transistors)
VT6X1 ROHM-VT6X1_13 Datasheet
1Mb / 8P
Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
Power management (dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com