Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHD1-DIP Datasheet(PDF) 4 Page - CUI INC

Part # VHD1-DIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHD1-DIP Datasheet(HTML) 4 Page - CUI INC

  VHD1-DIP Datasheet HTML 1Page - CUI INC VHD1-DIP Datasheet HTML 2Page - CUI INC VHD1-DIP Datasheet HTML 3Page - CUI INC VHD1-DIP Datasheet HTML 4Page - CUI INC VHD1-DIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VHD1-DIP │ DESCRIPTION: DC-DC CONVERTER
date 01/13/2014
│ page 4 of 5
APPLICATION NOTES
<Figure 1>
DC
C
L
L
DC
C
+Vin
-Vin
+Vout
-Vout
Figure 1
Input Voltage
External Input
Capacitance
5 V
4.7 μF
12 V
2.2 μF
24 V
1.0 μF
Table 1
Table 2
Figure 2
Output Voltage
External Input
Capacitance
5 V
4.7 μF
9 V
2.2 μF
12 V
1.0 μF
15 V
0.47 μF
REG
DC DC
DC DC
REG
+Vin
-Vin
+Vout
-Vout
+Vin
-Vin
+Vout
-Vout
1. Input filtering
To reduce the reflected ripple current and minimize EMI, especially when the converter input is more than 2” away from the DC
source, it is recommended to connect a low ESR electrolytic capacitor between Vin and Gnd. The values suggested are as shown in
Table 1. If additional filtering is required, the capacitance may be increased, or expanded to an LC network as shown in Figure 1.
2. Output filtering
An output capacitor is needed to meet output ripple requirements as shown in Table 2. Output capacitance may be increased for ad-
ditional filtering, but should not exeed 10μF or expanded to an LC network as in Figure 1.
3. Minimum loading
The converter needs a minimum of 10% loading to maintain output regulation. Operation under no-load conditions will not cause im-
mediate damages but may reduce reliability, and cause performance not to meet specifications.
4. Regulation
With a semi-regulated design, the converter’s output voltage varies with load current and will change proportionally to the input volt-
age. If regulated output is needed, an external regulator can be used as shown in Figure 2.
5. Protection
The converter has minimal protection against input over-voltage or output over-load, and may be permanently damaged if exposed to
these conditions. An input clamping device can be used for input voltage limiting. An input fuse or an output fuse can also be used to
protect against over-loading.
6. Dual outputs used as a single output
The +Vout and -Vout can be used to obtain a single output that is the sum of the two outputs. In this case, the COM pin shouldn’t be
used.
7. External Regulator
An external 3-terminal regulator can be connected to the output of the converter to achieve full regulation. Make sure the converter’s
output voltage provides sufficient head room for the regulator. An additional benefit is that the built-in protection features in the regu-
lator, such as OCP, OTP, etc, will protect the converter also. In a complimentory supply, a negative output regulator must be used to
achieve the negative regulated output.
Note:
All specifications measured at 25°C, humidity <75%, nominal input voltage, and full load unless otherwise noted.
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com