Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLD24 Datasheet(PDF) 2 Page - CUI INC

Part # VLD24
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLD24 Datasheet(HTML) 2 Page - CUI INC

  VLD24 Datasheet HTML 1Page - CUI INC VLD24 Datasheet HTML 2Page - CUI INC VLD24 Datasheet HTML 3Page - CUI INC VLD24 Datasheet HTML 4Page - CUI INC VLD24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VLD24 │ DESCRIPTION: LED DRIVER
date
04/17/2012 │ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
maximum input voltage
for ≤ 10 seconds
5.5
40
Vdc
operating input voltage
6.5
24
36
Vdc
quiescent input current in off
mode
Vin = 24 V, V
r < 0.6 V
400
μA
input filter
capacitor
remote on/off
ON (V
r on pin 3)
OFF
open or 2.8 V < V
r < 6 V
V
r < 0.6 V
remote pin current
V
r = 5 V
1mA
PWM frequency
0.2
10
kHz
OUTPUT
parameter
conditions/description
min
typ
max
units
output voltange range
Vin = 36 V
2
30
Vdc
current accuracy
Vin = 24 V, 5 LEDs
±7
±12
%
current stability
Vin = 24 V, 1~5 LEDs
±8
±15
%
temperature coefficient
±0.03
%/°C
capacitive load
470
μF
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
MTBF
1,000,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
300 and 350 mA
500, 600, and 700 mA
-40
-40
85
71
°C
°C
storage temperature
-55
125
°C
case temperature
100
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
15
°C
lead temperature
1.5 mm from case for 10 seconds
300
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com