Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRA140 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRA140
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRA140 Datasheet(HTML) 2 Page - ON Semiconductor

  MBRA140 Datasheet HTML 1Page - ON Semiconductor MBRA140 Datasheet HTML 2Page - ON Semiconductor MBRA140 Datasheet HTML 3Page - ON Semiconductor MBRA140 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRA140T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance — Junction–to–Lead (Note 1.)
Thermal Resistance — Junction–to–Ambient (Note 1.)
R
θJL
R
θJA
35
86
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2 )
VF
TJ = 25°C
TJ = 100°C
Volts
Maximum Instantaneous Forward Voltage (Note 2.)
(IF = 1.0 A)
see Figure 2 for other Values
(IF = 2.0 A)
0.55
0.71
0.505
0.74
Maximum Instantaneous Reverse Current
IR
TJ = 25°C
TJ = 100°C
mA
Maximum Instantaneous Reverse Current
(VR = 40 V)
see Figure 4 for other Values
(VR = 20 V)
0.5
0.1
10
4.0
1. Mounted on 2
″ Square PC Board with 1″ Square Total Pad Size, PC Board FR4.
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.4
1.0
0
0.1
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E-6
0.6
0.8
1.0
0.6
0.8
0.2
1.0
10
TJ = 25°C
10
20
0
0.2
0.4
30
TJ = 85°C
TJ = 125°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
TJ = -40°C
10E-6
100E-6
TJ = 25°C
TJ = 85°C
TJ = 125°C
1.0E-3
10E-3
100E-3
0
VR, REVERSE VOLTAGE (VOLTS)
1.0E-6
10
20
30
10E-6
100E-6
TJ = 25°C
TJ = 85°C
1.0E-3
10E-3
100E-3
1.2
1.2
40
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com