Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2601 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT2601
Description  10MBit/s High Speed Logic Gate Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT2601 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT2601 Datasheet HTML 1Page - CT Micro International Corporation CT2601 Datasheet HTML 2Page - CT Micro International Corporation CT2601 Datasheet HTML 3Page - CT Micro International Corporation CT2601 Datasheet HTML 4Page - CT Micro International Corporation CT2601 Datasheet HTML 5Page - CT Micro International Corporation CT2601 Datasheet HTML 6Page - CT Micro International Corporation CT2601 Datasheet HTML 7Page - CT Micro International Corporation CT2601 Datasheet HTML 8Page - CT Micro International Corporation CT2601 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Aug, 2013
CT2601
10MBit/s High Speed Logic Gate Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
High speed 10MBit/s
•
•
•
•
High isolation voltage between input and output
(Viso=5000 Vrms )
•
•
•
•
Guaranteed
performance from -40°C to 85°C
•
•
•
•
Wide operating temperature range of -55°C to
100°C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Line receivers
•
•
•
•
Telecommunication equipment
•
•
•
•
Feedback loop in switch-mode power supplies
•
•
•
•
Home appliances
•
•
•
•
High speed logic ground isolation
Description
The CT2601 optocouplers consist of a 850 nm
AlGaAS LED, optically coupled to a very high speed
integrated photo-detector logic gate with a strobable
output. This output features an open collector,
there by permitting wired OR outputs. The switching
parameters are guaranteed over the temperature
range of -40°C to +85°C. A maximum input signal of
5mA will provide a minimum output sink current of
13mA (fan out of 8).


Similar Part No. - CT2601

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT262LYF CT-CT262LYF Datasheet
350Kb / 1P
Peaking Coils - Radial
CT262LYF-101J CT-CT262LYF-101J Datasheet
350Kb / 1P
Peaking Coils - Radial
CT262LYF-101K CT-CT262LYF-101K Datasheet
350Kb / 1P
Peaking Coils - Radial
CT262LYF-102J CT-CT262LYF-102J Datasheet
350Kb / 1P
Peaking Coils - Radial
CT262LYF-102K CT-CT262LYF-102K Datasheet
350Kb / 1P
Peaking Coils - Radial
More results

Similar Description - CT2601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
High Speed 10MBit/s Logic Gate Optocouplers
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
CTM600 CTMICRO-CTM600 Datasheet
1Mb / 13P
10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
CTW137 CTMICRO-CTW137 Datasheet
1Mb / 15P
9mm, 10MBit/s Logic Gate Optocoupler
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com