Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURF2020 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MURF2020
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MURF2020 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  MURF2020 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MURF2020 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MURF2020 THRU MURF2060
GLASS PASSIVATED SUPER FAST RECTIFIER
Reverse Voltage - 200 -600 Volts
Forward Current - 20.0Amperes
R
SEMICONDUCT OR
Notes:
μ
1. Pulse test: 300 s pulse width,1% duty cycle
2. Reverse recovery test conditions I =0.5A,I =1.0A, Irr=0.25A
3. Thermal resistance from junction to case
FR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
μA
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
RθJC
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
(see Fig.1)
rectified current
Maximum instantaneous forward voltage
at 20.0 A per leg(Note 1 )
T =25 C
°
T =125 C
°
A
A
Typical thermal
(Note )
resistance
3
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
-55 to+150
2.5
°C/W
°C
°C
TJ
400
280
400
150.0
Symbols
Units
MURF
2040
FEATURES
MECHANICAL DATA
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Fred chip Planer construction
High surge capability
High temperature soldering guaranteed:2 0 C/10 seconds,
0.25"(6.35mm)from case
Fast switching for high efficiency
Low forward voltage drop
6
Component in accordance to RoHS 2011 65 EU
°
//
150
1.3
250
Maximum Reverse Recovery Time (Note 2)
Trr
50
ns
200
140
200
MURF
2020
600
420
600
MURF
2060
20.0
10
.
1.5
10
Case: JEDEC ITO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750,method 2026
Polarity: As marked.
Any
Mounting Position:
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
Dimensions in inches and (millimeters)
JF
MURF2060
Dimensions in inches and (millimeters)
ITO-220AC
0.177(4.50)
0.208(5.28)
0.029(0.73)
0.111(2.83)
0.1 (3.55)
40
0.136(3.45)
0.187(4.75)
0.272(6.90)
0.551(14.00)
0.029(0.73)
0.138(3.50)
0.192(4.88)
0.019(0.47)
0.101(2.57)
0.128(3.25)
DIA
0.102(2.60)
0.167(4.25)
0.256(6.50)
0.496(12.60)
0.019(0.47)
PIN
0.388(9.85)
1
2
0.130(3.31)
0.110(2.81)
0.410(10.42)
0.056(1.43)
0.043(1.10)
1.161(29.50)
1.083(27.50)
35


Similar Part No. - MURF2020

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MURF2020 DIOTECH-MURF2020 Datasheet
1,004Kb / 2P
SUPER FAST RECOVERY SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MURF2020 KISEMICONDUCTOR-MURF2020 Datasheet
5Mb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SAMYANG ELECTRONICS CO....
MURF2020 SAMYANG-MURF2020 Datasheet
693Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MURF2020ACT THINKISEMI-MURF2020ACT Datasheet
139Kb / 1P
THINKISEMI INSULATED COMMON ANODE ULTRA FAST RECOVERY RECTIFIER DIODES
Edition:20210604-V2
MURF2020BCT THINKISEMI-MURF2020BCT Datasheet
140Kb / 1P
THINKISEMI INSULATED COMMON CATHODE ULTRA FAST RECOVERY RECTIFIER DIODES
Edition:20210604-V2
More results

Similar Description - MURF2020

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com