Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTC-8564JE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTC-8564JE
Description  I2C-BUS INTERFACE REAL TIME CLOCK MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTC-8564JE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTC-8564JE Datasheet HTML 1Page - List of Unclassifed Manufacturers RTC-8564JE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
69
Real time clock module
The I C-Bus is a trademark of Philips Electronics N.V.
2
Absolute Max. rating
Specifications (characteristics)
Operating range
Frequency characteristics
DC characteristics
Terminal connection
External dimensions
(Unit: mm)
R8564
8476A
E
7.0
±0.3
2019 18 17 16 15 14 13 12 11
12 3 4 5 6 7 8 9 10
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Pin terminal
N.C
N.C
CLKOE
VDD
CLKOUT
SCL
SDA
(GND)
GND
INT
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
0.65
0.22
(0.75)
(0.75)
6.0
±0.2
I C-BUS INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE
• Built-in crystal unit allows adjustment-free efficient operation.
• Compliant with I
2C high-speed bus specifications. (400 kHz)
• Equipped with alarm, timer, and frequency output (32.768 kHz,
1024 Hz,32 Hz,1 Hz) features.
• Inclusion of century bit to enable correct date even after year 2000
• Operating in wide voltage range from 1.8 to 5.5 V, and in wide
range of clock voltage from 1.2 to 5.5 V.
• Low power consumption at 275 nA/3.0 V. (Typ.)
Item
Supply voltage
Input voltage
Output voltage
DC Input current
DC Output current
Storage temperature Range
Symbol
VDD
IDD
Vi
Vo
Ii
Io
TSTG
Condition
Between VDD and GND
VDD pin
Input pin
INT pins
—
As single part
Min.
-0.5
-50
GND-0.5
-10
-55
Max.
+6.5
50
VDD+0.5
10
+125
Unit
V
mA
V
mA
˚C
Item
Supply voltage range
Clock voltage range
Operating temperature range
Symbol
VDD
TOPR
Condition
I2C-BUS access at
400 kHz
—
Min.
1.8
VLOW
-40
Max.
5.5
+85
Unit
V
˚C
Item
Frequency precision
Frequency temperature
characteristics
Frequency voltage
characteristics
Oscillation start-up time
Aging
Symbol
∆f/fo
T
Top
op
fv
tSTA
fa
Condition
Ta=+25 ˚C, VDD=3.0 V
Ta=+25˚C,
-10 to +70 ˚C,VDD=3.0 V
Ta=+25 ˚C,
VDD=1.2 V to 5.5 V
Ta=+25 ˚C, VDD=1.8 V
Ta=+25 ˚C, VDD=3.0 V
Max.
+10
-120
±2
3
±5
Unit
× 10-6
× 10-6/V
s
× 10-6/year
Item
Power current
(during access)
Power current
(not during access)
“L” input voltage
“H” input voltage
“L” output voltage
“L” output current
“H” output current
Leakage current
Low voltage detection
Pin
—
SDA
INT
CLKOUT
—
Symbol
IDD0
IDD
IDD32k
VIL
VIH
IOL(SDA)
IOL(INT)
IOL(CLKOUT)
IOH(CLKOUT)
ILO
VLOW
Condition
fSCL=400 kHz
fSCL=100 kHz
fSCL=0 Hz, VDD=5.0 V
fSCL=0 Hz, VDD=3.0 V
fSCL=0 Hz, VDD=2.0 V
fSCL=0 Hz, VDD=5.0 V
fSCL=0 Hz, VDD=3.0 V
fSCL=0 Hz, VDD=2.0 V
—
VOL=0.4 V, VDD=5 V
VO=VDD or GND
Ta=-40 °C to +85 °C
Ta=-20 °C to +70 °C
Min.
—
GND -0.5
0.7xVDD
-3
-1
—
-1
—
Typ.
Typ.
—
0.33
0.275
0.25
2.5
1.5
1.1
—
0.9
0.9
Max.
800
200
0.80
0.70
0.65
3.4
2.2
1.6
0.3xVDD
VDD+0.5
—
1
1
1.1
1.0
Unit
µA
V
mA
µA
V
2
Actual size
(VDD=1.8 to 5.5 V, Ta=-40 to +85˚C)
5±23


Similar Part No. - RTC-8564JE

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
Epson Company
RTC-8564JE EPSON-RTC-8564JE Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564JE EPSON-RTC-8564JE Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
More results

Similar Description - RTC-8564JE

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8571SA EPSONTOYOCOM-RX-8571SA Datasheet
440Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8731LC EPSONTOYOCOM-RX-8731LC Datasheet
292Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8801SA EPSONTOYOCOM-RX-8801SA Datasheet
384Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8565SA EPSONTOYOCOM-RA-8565SA Datasheet
315Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8581SA EPSONTOYOCOM-RA-8581SA Datasheet
336Kb / 2P
I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
uPI Group Inc.
UC1009 UPI-UC1009 Datasheet
468Kb / 37P
I2C-Bus Interface Real-Time Clock Module
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
I2C-Bus Interface Real-Time Clock Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com