Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5643AB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5643AB
Description  0.56 inch Four Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5643AB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5643AB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5643AB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5643AB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121719
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Four Digit 7 Segment LED Display
Internal Circuit Diagram
LD5643A (Common Cathode)
LD5643B (Common Anode)
Selection Guide
Four Digit 7 Segment LED Display, Digit Height:14.20mm(0.56 inch), External Dimensions:
50.00x19.00x8.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5643AR
LD5643BR
GaAlAs
Super Red
640
8
10
8
10
LD5643AD
LD5643BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5643AO
LD5643BO
GaAsP
Orange
625
7
9
7
9
LD5643AY
LD5643BY
GaAsP
Yellow
588
8
10
8
10
LD5643AG
LD5643BG
GaP
Green
568
7
9
7
9
LD5643AUR
LD5643BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5643AUO
LD5643BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5643AUA
LD5643BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5643AUY
LD5643BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5643AUG
LD5643BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5643APG
LD5643BPG
InGaN
Pure Green
525
120
300
120
300
LD5643AUB
LD5643BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5643AUW
LD5643BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com