Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CURM101 Datasheet(PDF) 1 Page - Comchip Technology

Part # CURM101
Description  SMD Ultra Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURM101 Datasheet(HTML) 1 Page - Comchip Technology

  CURM101 Datasheet HTML 1Page - Comchip Technology CURM101 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.0 Amp
CURM101 Thru CURM107
www.comchip.com.tw
COMCHIP
COMCHIP
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Typical. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JA
T j
TSTG
Maximum Ratings and Electrical Characterics
Unit
V
V
V
A
A
V
nS
uA
MDS0208019B
Page 1
Note 1: Thermal resistance from junction to ambient.
CURM
101
CURM
102
50
50
35
600
600
420
100
100
70
30
1.0
1.3
-55 to +150
42
5.0
50
-55 to +150
CURM
107
CURM
106
CURM
105
CURM
104
CURM
103
800
800
560
400
400
280
SMD Ultra Fast Recovery Rectifier
SMD Ultra Fast Recovery Rectifier
200
200
140
1.0
1.7
1000
1000
700
75
50
C/W
C
C
C
C
0.146(3.70)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.110(2.80)
0.094(2.40)
0.063(1.60)
0.055(1.40)
0.035(0.90) Typ.
0.035(0.90) Typ.
MINI SMA
Dimensions in inches and (millimeter)
0.161(4.10)
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Exceeds environmental standard MIL-S-
19500/228
Low leakage current
Mechanical data
Case: Mini SMA/SOD-123 molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight: 0.04 gram


Similar Part No. - CURM101

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURM101-G COMCHIP-CURM101-G Datasheet
124Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURM101-G COMCHIP-CURM101-G Datasheet
99Kb / 4P
SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
SMD Ultra Fast Recovery Rectifiers
More results

Similar Description - CURM101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Comchip Technology
CURL101 COMCHIP-CURL101 Datasheet
75Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURC301 COMCHIP-CURC301 Datasheet
68Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURB201 COMCHIP-CURB201 Datasheet
68Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURA151 COMCHIP-CURA151 Datasheet
67Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURA101 COMCHIP-CURA101 Datasheet
68Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURM101-G COMCHIP-CURM101-G Datasheet
124Kb / 2P
SMD Ultra Fast Recovery Rectifier
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com