Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSF-155 Datasheet(PDF) 3 Page - CUI INC

Part # PSF-155
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-155 Datasheet(HTML) 3 Page - CUI INC

  PSF-155 Datasheet HTML 1Page - CUI INC PSF-155 Datasheet HTML 2Page - CUI INC PSF-155 Datasheet HTML 3Page - CUI INC PSF-155 Datasheet HTML 4Page - CUI INC PSF-155 Datasheet HTML 5Page - CUI INC PSF-155 Datasheet HTML 6Page - CUI INC PSF-155 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 12/12/2014
page 3 of 7
CUI Inc
│ SERIES: PSF-155 │ DESCRIPTION: AC-DC POWER SUPPLY
Load vs. Input Voltage
(at 25°C)
DERATING CURVES
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
enclosed: 179 x 98 x 38
enclosed with fan:179 x 98 x 55.4
mm
mm
weight
enclosed
enclosed with fan
0.64
0.68
kg
kg
100
80
60
40
20
Ambient Temperature (°C)
Safe operating area
“CF”, enclosed with fan
or with 23 CFM fan
40
30
20
10
0
-10
-20
0
50
60
70
50
70
30
100
80
60
40
20
Input Voltage (Vac) 60 Hz
120
115
110
105
100
95
90
0
264
all other models
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
90
%
vibration
at 10~500 Hz, 10 min per cycle for 60 minutes
each test along the X, Y, and Z axis
2
G
Load vs. Temperature
DERATING CURVES
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com