Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSF-100-C Datasheet(PDF) 1 Page - CUI INC

Part # PSF-100-C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-100-C Datasheet(HTML) 1 Page - CUI INC

  PSF-100-C Datasheet HTML 1Page - CUI INC PSF-100-C Datasheet HTML 2Page - CUI INC PSF-100-C Datasheet HTML 3Page - CUI INC PSF-100-C Datasheet HTML 4Page - CUI INC PSF-100-C Datasheet HTML 5Page - CUI INC PSF-100-C Datasheet HTML 6Page - CUI INC PSF-100-C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 12/12/2014
page 1 of 7
SERIES: PSF-100
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current1
output
power2
ripple
and noise3
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PSF-100-A
Vo1
Vo2
13.8
13.8
7.3
2.875
100
100
150
86
PSF-100-B
Vo1
Vo2
Vo3
13.8
13.8
5
6.2
2.875
3
100
100
150
100
85
PSF-100-C
Vo1
Vo2
27.6
27.6
3.65
1.725
100
100
150
87
PSF-100-D
Vo1
Vo2
Vo3
27.6
27.6
5
3.1
1.725
3
100
100
150
100
85
Notes:
1. Vo2 battery discharge current must not exceed 50% of the rated power.
2. Maximum total combined power (rated power).
3. At 20 MHz bandwidth using a 12” twisted pair-wire, each output terminated with a 47 µF and 0.1 µF parallel capacitors.
PART NUMBER KEY
PSF-100 - X - XXX
Base Number
Output Voltage
A = 13.8 Vdc, 13.8 Vdc
B = 13.8 Vdc, 13.8 Vdc, 5 Vdc
C = 27.6 Vdc, 27.6 Vdc
D = 27.6 Vdc, 27.6 Vdc, 5 Vdc
Chassis
“blank” = open frame
CNF = enclosed
FEATURES
• up to 100 W continuous power
• universal input (90~264 Vac)
• built-in constant current limit circuitry
• alarm signal for AC OK and battery low
• short circuit, over load, over voltage, brown-out,
battery low, and battery polarity protections
• withstand 2G vibration test
• efficiency up to 87%
For more information, please visit the product page.


Similar Part No. - PSF-100-C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PSF-125 TTELEC-PSF-125 Datasheet
276Kb / 2P
OPEN FRAME POWER SUPPLY 5VDC 125WATT
18/06/2020
PSF-125-12 TTELEC-PSF-125-12 Datasheet
276Kb / 2P
OPEN FRAME POWER SUPPLY 5VDC 125WATT
18/06/2020
PSF-125-15 TTELEC-PSF-125-15 Datasheet
276Kb / 2P
OPEN FRAME POWER SUPPLY 5VDC 125WATT
18/06/2020
PSF-125-24 TTELEC-PSF-125-24 Datasheet
276Kb / 2P
OPEN FRAME POWER SUPPLY 5VDC 125WATT
18/06/2020
PSF-125-36 TTELEC-PSF-125-36 Datasheet
276Kb / 2P
OPEN FRAME POWER SUPPLY 5VDC 125WATT
18/06/2020
More results

Similar Description - PSF-100-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com