Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD2N65F Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD2N65F
Description  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD2N65F Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD2N65F Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD2N65F Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.Gate 2. Drain 3. Source
2
1
2
3
1
3
D-PAK
I-PAK
HFD2N65F
HFU2N65F
* When mounted on the minimum pad size recommended (PCB Mount)
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 6.5 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON)
GS=10V
100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HFD2N65F / HFU2N65F
600V N-Channel MOSFET
July 2015
BV
DSS = 650 V
R
DS(on) typ
I
D = 2 A
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
2.98
/W
R
JA
Junction-to-Ambient*
--
50
R
JA
Junction-to-Ambient
--
110
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25
)
2
A
Drain Current
– Continuous (T
C = 100
)
1.3
A
I
DM
Drain Current
– Pulsed
(Note 1)
8
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
110
mJ
I
AR
Avalanche Current
(Note 1)
2
A
E
AR
Repetitive Avalanche Energy
(Note 1)
4.2
mJ
P
D
Power Dissipation (T
A = 25
)
2.5
W
Power Dissipation (T
C = 25
)
- Derate above 25
42
W
0.34
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300


Similar Part No. - HFD2N65F

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD2N65F SEMIHOW-HFD2N65F Datasheet
214Kb / 8P
650V N-Channel MOSFET
More results

Similar Description - HFD2N65F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com