Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD2N90 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD2N90
Description  900V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD2N90 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD2N90 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 8Page - SemiHow Co.,Ltd. HFD2N90 Datasheet HTML 9Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BV
DSS = 900 V
R
DS(on) typ
I
D = 2.0 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 17 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON)
GS=10V
100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HFD2N90/HFU2N90
900V N-Channel MOSFET
Feb 2014
D-PAK
1.Gate 2. Drain 3. Source
I-PAK
HFD2N90
HFU2N90
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
1.78
R
JA
Junction-to-Ambient*
--
50
R
JA
Junction-to-Ambient
--
110
* When mounted on the minimum pad size recommended (PCB Mount)
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
900
V
I
D
Drain Current
– Continuous (T
C = 25
2.0
A
Drain Current
– Continuous (T
C = 100
1.3
A
I
DM
Drain Current
– Pulsed
(Note 1)
8.0
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
170
mJ
I
AR
Avalanche Current
(Note 1)
2.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
7.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25
) *
2.5
W
Power Dissipation (T
C = 25
70
W
0.56
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
2
1
2
3
1
3


Similar Part No. - HFD2N90

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HFD2N90 DOINGTER-HFD2N90 Datasheet
834Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HFD2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM2N90 KERSEMI-KSM2N90 Datasheet
1Mb / 7P
900V N-CHANNEL MOSFET
KSMB2N90 KERSEMI-KSMB2N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N90Z SEMIHOW-HFH10N90Z Datasheet
250Kb / 10P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
SLW9N90C MAPLESMI-SLW9N90C Datasheet
173Kb / 6P
900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com