Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC106D Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HSC106D
Description  Silicon Controlled Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HSC106D Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HSC106D Datasheet HTML 1Page - SemiHow Co.,Ltd. HSC106D Datasheet HTML 2Page - SemiHow Co.,Ltd. HSC106D Datasheet HTML 3Page - SemiHow Co.,Ltd. HSC106D Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◎ SEMIHOW REV.A0, December 2014
Electrical Characteristics (Tc=25℃)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IGT
Gate Trigger Current
(1)
VAK=6V, RL=100Ω, Tc=25℃
Tc=-40℃
200
500
uA
VGT
Gate Trigger Voltage
(1)
VAK=6V, RL=100Ω, Tc=25℃
Tc=-40℃
0.4
0.5
0.6
0.7
0.8
1.0
V
VGD
Non Trigger Gate
Voltage
(1)
VAK=12V, RL=100Ω, Tc=110℃
0.2
V
IH
Holding Current
VAK=12V, Gate open, Tc=25℃
Tc=-40℃
0.4
0.55
3.0
6.0
mA
IL
Latching Current
VAK=12V, IG=20mA, Tc=25℃
Tc=-40℃
5.0
7.0
mA
IDRM
IRRM
Repetitive or Reverse
Peak Off-State Current
VAK=VDRM or VRRM, PKG=1000
Ω
Tc=25℃
Tc=110℃
10
100
uA
VTM
Peak On-State Voltage
(2)
IFM=1.0A
2.2
V
(1) R
GK Current is not included in measurement
(2) Pulse Test : Pulse width
≤ 2.0ms, Duty cycle ≤ 2%
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RTH(J-C)
Thermal Resistance
Junction to Case
3.0
℃/W
RTH(J-A)
Thermal Resistance
Junction to Ambient
75
℃/W
TL
Maximum Lead Temperature for Soldering Purpose 1/8”, from case
for 10second
260
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com