Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9451 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT9451
Description  Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9451 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT9451 Datasheet HTML 20Page - Richtek Technology Corporation RT9451 Datasheet HTML 21Page - Richtek Technology Corporation RT9451 Datasheet HTML 22Page - Richtek Technology Corporation RT9451 Datasheet HTML 23Page - Richtek Technology Corporation RT9451 Datasheet HTML 24Page - Richtek Technology Corporation RT9451 Datasheet HTML 25Page - Richtek Technology Corporation RT9451 Datasheet HTML 26Page - Richtek Technology Corporation RT9451 Datasheet HTML 27Page - Richtek Technology Corporation RT9451 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
RT9451
24
DS9451-00
September 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Interrupt Register 1 (INT1)
Address - 0x08h
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
TSDI
VINOVPI
Not used
Not used
Not used
Not used
Not used
Not used
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R
Reset Value
0
0
0
0
0
0
0
0
Field Name
Bit Definition
TSDI
Thermal shutdown fault. Set if die temperature exceeds thermal shutdown threshold.
Reset when die temperature drops below TSD release threshold.
VINOVPI
VIN over-voltage protection. Set when VIN > VIN_OVP is detected.
Not used
N/A
Not used
N/A
Not used
N/A
Not used
N/A
Not used
N/A
Not used
N/A
Interrupt Register 2 (INT2)
Address - 0x09h
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
CHRVPI
CHBADI
CHBATOVI
CHTERMI
CHRCHGI
CH32MI
CHTREGI
CHMIVRI
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Field Name
Bit Definition
(1)
CHRVPI
Charger fault. Reverse protection (VIN > VIN(MIN) and VIN < VBATS + VSLP (fault)
CHBADI
Charger fault. Bad adaptor (VIN < VIN(MIN) during power on detection)
CHBATOVI
Charger fault. Battery OVP
CHTERMI
Charge terminated
CHRCHGI
Recharge request (VBATS < VOREG − VRECH)
CH32MI
Charger fault. 32 minutes time-out
CHTREGI
Charger warning. Thermal regulation loop active.
CHMIVRI
Charger warning. Input voltage MIVR loop active.
(1) All charger faults result in disabling the charger (CH_EN [1:0] = 00). Recharge request disables the charger only if
CH_EN [1:0] = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com