Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9728C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9728C
Description  Power Switch with Programmable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9728C Datasheet HTML 1Page - Richtek Technology Corporation RT9728C Datasheet HTML 2Page - Richtek Technology Corporation RT9728C Datasheet HTML 3Page - Richtek Technology Corporation RT9728C Datasheet HTML 4Page - Richtek Technology Corporation RT9728C Datasheet HTML 5Page - Richtek Technology Corporation RT9728C Datasheet HTML 6Page - Richtek Technology Corporation RT9728C Datasheet HTML 7Page - Richtek Technology Corporation RT9728C Datasheet HTML 8Page - Richtek Technology Corporation RT9728C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9728C
®
DS9728C-00 October 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
±±±±±10% Current Limit Accuracy @ 1.3A
Adjustable Current Limit : 75mA to 1.3A (typ.)
Meets USB Current Limiting Requirements
Operating Voltage Range : 2.5V to 5.5V
Reverse Input
−−−−−Output Voltage Protection
Built-in Soft-Start
120m
Ω
Ω
Ω
Ω
Ω High-Side MOSFET
120
μμμμμA Supply Current
RoHS Compliant and Halogen Free
120m
Ω
Ω
Ω
Ω
Ω, 1.3A Power Switch with Programmable Current Limit
General Description
The RT9728C is a cost effective, low voltage, single
P-MOSFET high-side power switch IC for USB application
with a programmable current limit feature. Low switch-on
resistance (typ.120m
Ω) and low supply current (typ.
120
μA) are realized in this IC.The RT9728C can offer a
programmable current limit threshold between 75mA and
1.3A (typ.) via an external resistor. The
±10% current limit
accuracy can be realized for all current limit settings. In
addition, a flag output is available to indicate fault
conditions to the local USB controller. Furthermore, the
chip also integrates an embedded delay function to prevent
mis-operation from happening due to high inrush current.
The RT9728C is an ideal solution for USB power supply
and can support flexible applications since it is functional
for various current limit requirements. It is available in
SOT-23-6 and WDFN-6L 2x2 packages.
Pin Configurations
(TOP VIEW)
SOT-23-6
Applications
USB Bus/Self Powered Hubs
USB Peripheral Ports
ACPI Power Distribution
Battery Power Equipment
3G/3.5GData Card, Set-Top Boxes
WDFN-6L 2x2
RT9728C
Package Type
E : SOT-23-6
QW : WDFN-6L 2x2
H : Chip Enable High
Lead Plating System
G : Green (Halogen Free and Pb Free)
VOUT
ILIM
VIN
GND
5
4
1
2
3
6
7
EN
FAULT
VOUT ILIM
VIN GND
4
23
5
6
FAULT
EN


Similar Part No. - RT9728C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9728 RICHTEK-RT9728 Datasheet
118Kb / 11P
The RT9728 is a cost effective
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
RT9728BHGE RICHTEK-RT9728BHGE Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
RT9728BLGQW RICHTEK-RT9728BLGQW Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
More results

Similar Description - RT9728C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
logo
Richtek Technology Corp...
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
145m廓, 1.5A Power Switch with Programmable Current Limit
RT9728A RICHTEK-RT9728A Datasheet
222Kb / 13P
120m廓, 1.3A Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
12V, 5A Programmable Current Limit Switch
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
12V, 5A Programmable Current Limit Switch
MP5000S MPS-MP5000S Datasheet
775Kb / 13P
12V, 5A Programmable Current Limit Switch
logo
Lowpower Semiconductor ...
LPW5201 POWER-LPW5201 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com