Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC427AJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC427AJ
Description  Dual Voltage Feedback Amplifier for Single Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC427AJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC427AJ Datasheet HTML 1Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 2Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 3Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 6Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 7Page - National Semiconductor (TI) CLC427AJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
Single +5V supply
s
Input includes VEE
s
94MHz unity-gain bandwidth
s
-74/-94dBc HD2/HD3
s
60mA output current
s
7.5ns rise/fall time (1Vpp)
s
46ns settling time to 0.1%
Applications
s
Video ADC driver
s
Desktop multimedia
s
Single supply cable driver
s
Instrumentation
s
Video cards
s
Wireless IF amplifiers
s
Telecommunications
General Description
The Comlinear CLC427 is a dual wideband voltage-feedback
operational amplifier that is uniquely designed to provide high
performance from a single power supply. This CLC427 provides
near rail-to-rail operation and the common-mode input range
includes the negative rail. Each of the CLC427’s amplifiers offers
plenty of headroom for single-supply applications as evidenced
by its 4.3Vpp output voltage from a single 5V supply.
Fabricated with a high-speed complementary bipolar process,
the CLC427 delivers a wide 94MHz unity-gain bandwidth, 7.5ns
rise/fall time and 150V/
µs slew rate. For single supply applications
such as video distribution or desktop multimedia, the CLC427
offers low 0.35%, 0.55° differential gain and phase errors.
Each of the CLC427’s amplifiers provides high signal fidelity
with -74/-94dBc 2nd/3rd harmonics (1Vpp, 1MHz, RL=150Ω).
Combining this high fidelity performance with CLC427’s quick
46ns settling time to 0.1% makes it an excellent choice for ADC
buffering.
With its traditional voltage-feedback architecture and high-speed
performance, the CLC427 is the perfect choice for composite
signal conditioning circuit functions such as active filters,
integrators, differentiators, simple gain blocks and buffering.
Vin
50
Ω
250
Ω
+
-
250
Ω
0.1
µF
6.8
µF
150
Ω
NOTE: Vin = 0.15V to 2.3V
1/2
CLC427
Vo
+5V
+
Typical Application
Single +5V Supply operation
Comlinear CLC427
Dual Voltage Feedback Amplifier
for Single Supply Operation
Frequency Response vs. Vout
Frequency (MHz)
1
10
100
1Vpp
2Vpp
4Vpp
Av = +2V/V
Vo1
Vinv1
Vnon-inv1
VEE
Vo2
Vinv2
Vnon-inv2
VCC
Pinout
DIP & SOIC
Single Supply Response
Time (100ns/div)
VEE
0
1
2
3
4
VCC
5
August 1996
N
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC427AJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJE NSC-CLC420AJE Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJE-TR13 NSC-CLC420AJE-TR13 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJP NSC-CLC420AJP Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC423 NSC-CLC423 Datasheet
131Kb / 8P
Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
More results

Similar Description - CLC427AJ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
logo
New Japan Radio
NJM12904M NJRC-NJM12904M Datasheet
179Kb / 8P
SINGLE SUPPLY DUAL AMPLIFIER
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
Single or Dual-Supply Operation
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
Single Low Voltage Supply Operation
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
Supports single and dual supply operation
23-Jan-17
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com