Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV30C160KB Datasheet(PDF) 4 Page - Comchip Technology

Part # TV30C160KB
Description  SMD Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C160KB Datasheet(HTML) 4 Page - Comchip Technology

  TV30C160KB Datasheet HTML 1Page - Comchip Technology TV30C160KB Datasheet HTML 2Page - Comchip Technology TV30C160KB Datasheet HTML 3Page - Comchip Technology TV30C160KB Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0211017A
Page 4
Note:
1) Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify bi-directional devices.
3) For bi-directional devices having VR of 10 volts and under, the IR limit is double.
Part No.
V RWM
V BR Min V BR Max
IT
IFSM
IR @ V RWM
( V )
( V )
( V )
( mA ) (A) @8 .3mS
( V )
Ipp(A)
( uA )
UNI
BI
TV30C480K(B)
48.00
53.30
67.5
1
250
85.5
35.0
5
HFW
IFW
TV30C480J(B)
48.00
53.30
61.3
1
250
77.4
38.8
5
HFX
IFX
TV30C510K(B)
51.00
56.70
71.8
1
250
91.1
37.0
5
HFY
IFY
TV30C510J(B)
51.00
56.70
65.2
1
250
82.4
36.4
5
HFZ
IFZ
TV30C540K(B)
54.00
60.00
76.0
1
250
96.3
31.2
5
HGD
IGD
TV30C540J(B)
54.00
60.00
69.0
1
250
87.1
34.4
5
HGE
IGE
TV30C580K(B)
58.00
64.40
81.6
1
250
103.0
39.2
5
HGF
IGF
TV30C580J(B)
58.00
64.40
74.1
1
250
93.6
32.0
5
HGG
IGG
TV30C600K(B)
60.00
66.70
84.5
1
250
107.0
28.0
5
HGH
IGH
TV30C600J(B)
60.00
66.70
76.7
1
250
96.8
31.0
5
HGK
IGK
TV30C640K(B)
64.00
71.10
90.1
1
250
114.0
26.4
5
HGL
IGL
TV30C640J(B)
64.00
71.10
81.8
1
250
103.0
29.2
5
HGM
IGM
TV30C700K(B)
70.00
77.80
98.6
1
250
125.0
24.0
5
HGN
IGN
TV30C700J(B)
70.00
77.80
89.5
1
250
113.0
26.6
5
HGP
IGP
TV30C750K(B)
75.00
83.30
105.7
1
250
134.0
22.4
5
HGQ
IGQ
TV30C750J(B)
75.00
83.30
95.8
1
250
121.0
24.8
5
HGR
IGR
TV30C780K(B)
78.00
86.70
109.8
1
250
139.0
21.6
5
HGS
IGS
TV30C780J(B)
78.00
86.70
99.7
1
250
126.0
22.8
5
HGT
IGT
TV30C850K(B)
85.00
94.40
119.2
1
250
151.0
19.8
5
HGU
IGU
TV30C850J(B)
85.00
94.40
108.2
1
250
137.0
20.8
5
HGV
IGV
TV30C900K(B)
90.00
100.00
126.5
1
250
160.0
18.8
5
HGW
IGW
TV30C900J(B)
90.00
100.00
115.5
1
250
146.0
20.6
5
HGX
IGX
TV30C101K(B)
100.00
111.00
141.0
1
250
179.0
16.6
5
HGY
IGY
TV30C101J(B)
100.00
111.00
128.0
1
250
162.0
18.6
5
HGZ
IGZ
TV30C111K(B)
110.00
122.00
154.5
1
250
196.0
15.4
5
HHD
IHD
TV30C111J(B)
110.00
122.00
140.5
1
250
177.0
16.8
5
HHE
IHE
TV30C121K(B)
120.00
133.00
169.0
1
250
214.0
14.0
5
HHF
IHF
TV30C121J(B)
120.00
133.00
153.0
1
250
193.0
15.6
5
HHG
IHG
TV30C131K(B)
130.00
144.00
182.5
1
250
231.0
13.0
5
HHH
IHH
TV30C131J(B)
130.00
144.00
165.5
1
250
209.0
14.4
5
HHK
IHK
TV30C151K(B)
150.00
167.00
211.5
1
250
268.0
11.2
5
HHL
IHL
TV30C151J(B)
150.00
167.00
192.5
1
250
243.0
12.4
5
HHM
IHM
TV30C161K(B)
160.00
178.00
226.0
1
250
287.0
10.4
5
HHN
IHN
TV30C161J(B)
160.00
178.00
205.0
1
250
259.0
11.6
5
HHP
IHP
TV30C171K(B)
170.00
189.00
239.5
1
250
304.0
9.8
5
HHQ
IHQ
TV30C171J(B)
170.00
189.00
217.5
1
250
275.0
11.0
5
HHR
IHR
Max Vc
Marking Code
Absolute Maximum R ating ( Ta=25 C )
Electrical Characteristics ( Ta=25 C )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com