Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSD200 Datasheet(PDF) 3 Page - CUI INC

Part # VSD200
Description  Single Output DC-DC Converter4
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSD200 Datasheet(HTML) 3 Page - CUI INC

  VSD200 Datasheet HTML 1Page - CUI INC VSD200 Datasheet HTML 2Page - CUI INC VSD200 Datasheet HTML 3Page - CUI INC VSD200 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VSD-200 Series Single Output DC-DC Converter
Rev. 7-2007
3/ 4
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
General and Safety
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating temp.
(refer to output derating curve)
-20
60
ºC
Storage temp.
-40
85
ºC
Operating humid.
Non-condensing
20%
90%
RH
Storage humid.
Non-condensing
10%
95%
RH
Temperature coefficient
±0.3% / ºC (0~50ºC)
EMI
EN55022(CISPR22) CLASS B
Safety (EMC)
En61000-4-2, 3, 4, 6, 8, ENV50204 heavy industry level, criteria A.
Vibration
2G 10min/i cycle, 60 min on X, Y and Z Axis
10
500
Hz
Withstand Voltage
I/P-O/P
1500
VDC
I/P-FG
1500
VDC
O/P-FG
500
VDC
Isolation Resistance I/P-O/P, I/P-FG, O/P-FG
100m
Ω min. / 500VDC
Cooling
Convection
Mechanical
Parameter
Conditions/Description
Min
Nom
Max
Units
Weight
1100
grams
Enclosure
215(L) x 115(W) x 50(H) mm
inches



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com