Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC432 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC432
Description  Dual Wideband Monolithic Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC432 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC432 Datasheet HTML 1Page - National Semiconductor (TI) CLC432 Datasheet HTML 2Page - National Semiconductor (TI) CLC432 Datasheet HTML 3Page - National Semiconductor (TI) CLC432 Datasheet HTML 4Page - National Semiconductor (TI) CLC432 Datasheet HTML 5Page - National Semiconductor (TI) CLC432 Datasheet HTML 6Page - National Semiconductor (TI) CLC432 Datasheet HTML 7Page - National Semiconductor (TI) CLC432 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CLC431/432 Electrical Characteristics (V
CC = ±15V; AV= +2; Rf = Rg =750
Ω
Ω
Ω
Ω
Ω; R
L = 100
Ω
Ω
Ω
Ω
Ω; unless noted)
http://www.national.com
2
supply voltage
±16.5V
short circuit current
100mA
common-mode input voltage
±V
cc
differential input voltage
±10V
maximum junction temperature
+150°C
storage temperature
-65°C to+150°C
lead temperature (soldering 10 sec)
+300°C
1) Tested and guaranteed with Rf = 866Ω. CLC432 tested and guaranteed
with Rf = 750Ω.
2) Spec is guaranteed for R
L ≥ 500Ω.
3) V
RTTL= 0, See text for single-ended mode of operation.
4) V
RTTL= NC, See text for differential mode of operation
5) Spec is guaranteed for AJE; AJP & AIB yield 7dB lower.
6) Spec is tested with 2V
pp, 10MHz and RL= 100Ω.
A) J-level: spec is 100% tested at +25°C.
Absolute Maximum Ratings
Notes
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC431 & CLC432
+25
+25
0 to +70
-40 to +85
°C
1
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vout < 4.0Vpp
62
42
37
36
MHz
VCC = ±5V
V
out < 4.0Vpp
62
MHz
Vout < 10Vpp
28
21
20
20
MHz
2
gain flatness
Vout < 4.0Vpp
peaking
DC to 100MHz
0.05
0.5
0.7
0.7
dB
rolloff
DC to 20MHz
0.0
0.8
0.8
0.8
dB
linear phase deviation
DC to 30MHz
0.3
1.8
2.0
2.1
°
differential gain
4.43MHz, R
L=150Ω
0.12
0.18
0.2
0.2
%
differential phase
4.43MHz, R
L=150Ω
0.12
0.18
0.23
0.25
°
TIME DOMAIN RESPONSE
rise and fall time
10V step
8
12
13
13
ns
2
overshoot
2V step
5
10
12
12
%
settling time
2V step to 0.05%
70
100
110
110
ns
slew rate
V
out = ±10V
2000
1500
1450
1400
V/ms
2
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
- 65
dBc
6
3rd harmonic distortion
2Vpp, 1MHz
- 75
dBc
6
equivalent input noise
voltage
>1MHz
3.3
4.2
4.4
4.5
nV/
√Hz
current, inverting
>1MHz
13
16
17
18
pA/
√Hz
current, non-inverting
>1MHz
2.0
2.5
2.6
2.8
pA/
√Hz
STATIC DC PERFORMANCE
input
offset voltage
3
6
7
7
mV
A
average drift
20
---
50
50
µV/°C
bias current, non-inverting
2
8
10
16
µAA
average drift
25
---
100
150
nA/°C
bias current, inverting
2
6
6
8
µAA
average drift
8
---
25
40
nA/°C
power supply rejection ratio
DC
64
59
59
59
dB
common-mode rejection ratio
DC
63
58
57
56
dB
supply current
R
L=
∞, per channel
7.1
7.9
8.5
9.6
mA
A
CLC431 disabled
RL=
∞, per channel
0.8
1.2
1.3
1.45
mA
A
MISCELLANEOUS PERFORMANCE
input
voltage range
common mode
± 12.2
± 12.0
± 11.8
± 11.6
V
resistance
non-inverting
24
16
10
6
M
Ω
capacitance
non-inverting
0.5
1
1
1
pF
output
current
± 60
± 38
± 35
± 30
mA
voltage range
R
L
≥5kΩ
± 14.0
± 13.6
± 13.4
± 13.2
V
RL=100
Ω
± 6.0
± 3.7
± 3.7
± 2.9
V
SWITCHING PERFORMANCE (CLC431)
switching time
turn on
0.1
0.15
0.155
0.165
µs
turn off
0.7
1.0
1.2
1.2
µs
DIS logic levels
single-ended mode
3
high input voltage (VIH)
> 2.0
> 2.0
> 2.0
> 2.0
V
low input voltage (V
IL)
< 0.8
< 0.8
< 0.8
< 0.8
V
maximum current input
VIH > DIS > VIL
150
180
190
205
µA
|DIS-DIS|
differential mode
4
minimum differential voltage
0.3
0.4
0.4
0.4
V
ISOLATION
crosstalk, input referred
10MHz
70
64
64
64
dB
off isolation
10MHz
64
60
60
60
dB
5
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com