Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS701T2 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTS701T2
Description  0.6A MOSFET/IGBT Gate Driver Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS701T2 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTS701T2 Datasheet HTML 1Page - CT Micro International Corporation CTS701T2 Datasheet HTML 2Page - CT Micro International Corporation CTS701T2 Datasheet HTML 3Page - CT Micro International Corporation CTS701T2 Datasheet HTML 4Page - CT Micro International Corporation CTS701T2 Datasheet HTML 5Page - CT Micro International Corporation CTS701T2 Datasheet HTML 6Page - CT Micro International Corporation CTS701T2 Datasheet HTML 7Page - CT Micro International Corporation CTS701T2 Datasheet HTML 8Page - CT Micro International Corporation CTS701T2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 2
Jan, 2014
CTS701
0.6A MOSFET/IGBT Gate Driver Optocoupler
Truth Table
LED
Vcc-VEE
Positive Going
Vcc-VEE
Negative Going
Output
Off
0 to 30 V
0 to 30V
Low
On
0 to 6.5V
0 to 6V
Low
On
6.5 to 8.3V
6 to 8V
Transition
On
8.3 to 30V
8 to 30V
High
Absolute Maximum Rating at 250C
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
5000
VRMS
1
TOPR
Operating temperature
-40 ~ +100
0C
TSTG
Storage temperature
-55 ~ +125
0C
TSOL
Soldering temperature
260
0C
2
fOPR
Operating Frequency
25
kHz
3
Emitter
IF
Forward current
25
mA
IFP
Peak forward current (PW≤1µs, 300pps)
1
A
VR
Reverse voltage
5
V
PD
Input Power Dissipation
40
mW
Detector
Pc
Power dissipation
160
mW
VO(PEAK)
Peak Output Voltage
35
V
VCC
Supply Voltage
35
V
IOPH
Output High Peak Current
-0.6
A
4
IOPL
Output Low Peak Current
0.6
A
4
Notes
1.
AC for 1 minute, RH = 40 ~ 60%.
2.
For 10 second peak
3.
Exponential Waveform, IO(PEAK) ≤ |0.3A|, Pulse Width ≤ 2us
4.
Pulse Width ≤ 2uS, f ≤ 15kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com