Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC446AJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446AJ
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446AJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC446AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 6Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 7Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 8Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 9Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 10Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 11Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
The CLC446 noise model in Figure 9 is used to develop
this equation for NF:
where:
s
RS is the source resistance at the non-
inverting input
s
There is no matching resistor from the input
to ground
s
eni, ibn, and ibi are the voltage and current
noise density terms (see the
Electrical
Characteristics section)
s
s
Rf is the feedback resistor, and Rg is the
gain-setting resistor
To achieve a low Noise Figure while matching the source,
use a matching transformer or the
Low Noise
Composite Amp With Input Matching circuit found in
the
CLC446 Applications section.
Dynamic Range (distortion)
The distortion plots in the Typical Performance
Characteristics section show distortion as a function of
load resistance, frequency, and output amplitude.
Distortion places an upper limit on the CLC446’s
dynamic range.
Realized output distortion is highly dependent upon the
external circuit.
Some of the common external circuit
choices that can improve distortion are:
s
Short and equal return paths from the load to
the supplies
s
De-coupling capacitors of the correct value
s
Higher load resistance
s
A lower ratio of the output voltage swing to
power supply voltage
Printed Circuit Board Layout
High Frequency op amp performance is strongly depen-
dent on proper layout, proper resistive termination and
adequate power supply decoupling. The most important
layout points to follow are:
s
Use a ground plane
s
Bypass power supply pins with:
s
ceramic capacitors of about 0.1
µF placed
less than 0.1" (3mm) from the pin
s
tantalum capacitors of about 6.8
µF for large
signal current swings or improved power
supply noise rejection; we recommend a
minimum of 2.2
µF for any circuit
s
Minimize trace and lead lengths for components
between the inverting and output pins
s
Remove ground plane underneath the amplifier
package and 0.1" (3mm) from all input/output
pads
s
For prototyping, use flush-mount printed circuit
board pins; never use high profile DIP sockets
Evaluation Board
Separate evaluation boards are available for prototyping
and measurements. Additional information is available in
the evaluation board literature.
Low Noise Composite Amp With Input Matching
The composite amp shown in Figure 10 eliminates the
need for a matching resistor to ground at the input. By
connecting two amplifiers in series, the first non-
inverting and the second inverting, an overall inverting
gain is realized. The feedback resistor (Rf) closes the
loop, and generates a set input resistance (Rin) that can
be matched to RS. Rf generates less noise than a
matching resistor to ground at the input.
Figure 10: Composite Amplifier
The input resistance and DC voltage gain of the
amplifier are:
Match the source resistance by setting: Rin = RS.
The voltage noise produced by Rf, referred to the source
VS, is:
The noise of a simple input matching resistor connected to
ground can be calculated by setting G to 0 in this equation.
Thus, this circuit reduces the thermal noise power
produced by the matching resistor by a factor of (1+G).
Rectifier Circuit
Wide bandwidth rectifier circuits have many applications.
Figure 11 shows a 200MHz wideband full-wave rectifier
circuit using a CLC446 and a CLC522 amplifier. Schottky
or PIN diodes are used for D1 and D2. They produce an
active half-wave rectifier whose signals are taken at the
feedback diode connection. The CLC522 takes the
difference of the two half-wave rectified signals,
producing a full-wave rectifier. The CLC522 is used at a
gain of 5 to achieve high differential bandwidth. For best
NF 10log
e
i R
4 TR
i
R
R
4 T R
R
4TR
ni
2
bn s
2
s
bi
f
g
2
f
g
s
=
+
() ++ ⋅
() +⋅


kk
k
4 T
16.0 x 10
J
T
290 K
, T is in K
21
k
=
()⋅
°


°
−
CLC446 Applications
+
-
CLC446
Rf
Vo
Rg2
-
+
20
Ω
CLC446
Rf2
Rf1
Rg1
Rin
Vs
Rs
+
-
R
R
1G
, where G
1
R
R
R
R
V
V
G
R
RR
in
ff1
g1
f2
g2
o
s
in
in
s
=
+
=+
 ⋅
=− ⋅
+


e4 TR
R
R1 G
Rf
s
s
in
2
=⋅
⋅+
()


k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com