Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV30C151JB Datasheet(PDF) 1 Page - Comchip Technology

Part # TV30C151JB
Description  SMD Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C151JB Datasheet(HTML) 1 Page - Comchip Technology

  TV30C151JB Datasheet HTML 1Page - Comchip Technology TV30C151JB Datasheet HTML 2Page - Comchip Technology TV30C151JB Datasheet HTML 3Page - Comchip Technology TV30C151JB Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Working Peak Reverse Voltage: 5.0 - 170 Volts
Power Dissipation: 3000 Watts
TV30C5V0 Thru TV30C171
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Typical IR less than 1uA above 10V
Fast reponse time: typically less 1nS for
uni-direction, less than 5nS for bi-
directiona, from 0 V to BV min.
Mechanical data
Case: JEDEC DO-214AB molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Cathode band denoted
Mounting position: Any
Approx. Weight:0.21 gram
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
Rating at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MDS0211017A
Page 1
Characteristics
Peak Power Dissipation on 10/1000uS
Waveform (Note 1, Fig. 1)
Peak Pulse Current of on 10/1000uS
Waveform (Note 1, Fig. 3)
Steady State Power Dissipation at
TL=75 C (Note 2)
Peak Forfard Surge Current, 8.3mS Single
Half Sine-Wave Superimposed on Rated
Load, Uni-Directional Only (Note 3)
Maxinum Instantaneous Forward Voltage
at 100A for Uni-Directional only
(Note 3 & 4)
Operation Junction Temperature Range
Storage Temperature Range
Symbol
PPPM
IPPM
PM(AV)
IFSM
VF
Tj
TSTG
Note: 1. Non-Repetitive Current Pulse, per Fig. 3 and Derated above TA=25 C, per Fig. 2.
2. Mounted on 8.0x8.0 mm . Copper Pads to Each Terminal.
3. Measured on 8.3 mS Single Half Sine-Wave or Equivalent Square Wave, Duty Cycle=4 Pulse per Minute Maximum.
4. VF=3.5V on TV30C5V0 thru TV30C900 Devices and VF=5.0V on TV30C101 thru TV30C171.
Value
3000
See Table 1
5.0
250
3.5/5.0
-55 to +150
-55 to +150
Units
Watts
A
Watts
A
Volts
C
C
SMC/DO-214AB
Dimensions in inches and (millimeter)
0.008(0.20)
0.0203(0.10)
0.124(3.15)
0.108(2.75)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.245(6.22)
0.220(5.59)
0.280(7.11)
0.260(6.60)
0.012(0.31)
0.006(0.15)
0.320(8.13)
0.305(7.75)


Similar Part No. - TV30C151JB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C151JB-HF COMCHIP-TV30C151JB-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
More results

Similar Description - TV30C151JB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
SMD Transient Voltage Suppressor
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
SMD Transient Voltage Suppressor
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
SMD Transient Voltage Suppressor
ATV02W5V0-HF COMCHIP-ATV02W5V0-HF Datasheet
111Kb / 5P
SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
SMD Transient Voltage Suppressor
ATV66SM826A-G COMCHIP-ATV66SM826A-G Datasheet
110Kb / 4P
SMD Transient voltage suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com