Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR4151P Datasheet(PDF) 4 Page - Exar Corporation

Part # XR4151P
Description  Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR4151P Datasheet(HTML) 4 Page - Exar Corporation

  XR4151P Datasheet HTML 1Page - Exar Corporation XR4151P Datasheet HTML 2Page - Exar Corporation XR4151P Datasheet HTML 3Page - Exar Corporation XR4151P Datasheet HTML 4Page - Exar Corporation XR4151P Datasheet HTML 5Page - Exar Corporation XR4151P Datasheet HTML 6Page - Exar Corporation XR4151P Datasheet HTML 7Page - Exar Corporation XR4151P Datasheet HTML 8Page - Exar Corporation XR4151P Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
;5

#0;  
$%62/87( 0$;,080 5$7,1*6
3RZHU 6XSSO\
9
        
2XWSXW 6LQN &XUUHQW
P$
     
,QWHUQDO 3RZHU 'LVVLSDWLRQ
P:
    
,QSXW 9ROWDJH
9 WR 9
     
2XWSXW 6KRUW &LUFXLW WR *URXQG
&RQWLQXRXV
  
6<67(0 '(6&5,37,21
7KH ;5 LV D SUHFLVLRQ YROWDJHWRIUHTXHQF\
FRQYHUWHU IHDWXULQJ  FRQYHUVLRQ OLQHDULW\ SUHFLVLRQ
PRGH  KLJK QRLVH UHMHFWLRQ PRQRWRQLFLW\ DQG VLQJOH
VXSSO\ RSHUDWLRQ IURP 9 WR 9 $Q 5& QHWZRUN RQ 3LQ 
JHWV WKH PD[LPXP IXOO ZDYH IUHTXHQF\ ,QSXW YROWDJH RQ
3LQ  LV FRPSDUHG ZLWK WKH YROWDJH RQ 3LQ  ZKLFK LV
JHQHUDOO\ FRQWUROOHG E\ WKH FXUUHQW VRXUFH RXWSXW 3LQ  
)UHTXHQF\ RXWSXW LV SURSRUWLRQHG WR WKH YROWDJH RQ 3LQ 
7KH FXUUHQW VRXUFH LV FRQWUROOHG E\ WKH UHVLVWDQFH RQ 3LQ 
QRPLQDOO\ NX ZLWK ,  95 7KH RXWSXW LV DQ RSHQ
FROOHFWRU DW 3LQ 
35,1&,3/(6 2) 23(5$7,21
6LQJOH 6XSSO\ 0RGH 9ROWDJHWR)UHTXHQF\
&RQYHUWHU
,Q WKLV DSSOLFDWLRQ WKH ;5 IXQFWLRQV DV D VWDQG DORQH
YROWDJHWRIUHTXHQF\ FRQYHUWHU RSHUDWLQJ RQ D VLQJOH
SRVLWLYH SRZHU VXSSO\ 5HIHU WR WKH IXQFWLRQDO EORFN
GLDJUDP DQG )LJXUH  WKH FLUFXLW FRQQHFWLRQ IRU VLQJOH
VXSSO\
YROWDJHWRIUHTXHQF\
FRQYHUVLRQ
7KH
;5FRQWDLQV D YROWDJH FRPSDUDWRU D RQHVKRW DQG
D SUHFLVLRQ VZLWFKHG FXUUHQW VRXUFH 7KH YROWDJH
FRPSDUDWRU FRPSDUHV D SRVLWLYH LQSXW YROWDJH DSSOLHG DW
SLQ  WR WKH YROWDJH DW SLQ  ,I WKH LQSXW YROWDJH LV KLJKHU
WKH FRPSDUDWRU ZLOO ILUH WKH RQHVKRW 7KH RXWSXW RI WKH
RQHVKRW LV FRQQHFWHG WR ERWK WKH ORJLF RXWSXW DQG WKH
SUHFLVLRQ VZLWFKHG FXUUHQW VRXUFH 'XULQJ WKH RQHVKRW
SHULRG 7 WKH ORJLF RXWSXW ZLOO JR ORZ DQG WKH FXUUHQW
VRXUFH ZLOO WXUQ RQ ZLWK FXUUHQW  $W WKH HQG RI WKH RQH
VKRW SHULRG WKH ORJLF RXWSXW ZLOO JR KLJK DQG WKH FXUUHQW
VRXUFH ZLOO VKXW RII $W WKLV WLPH WKH FXUUHQW VRXUFH KDV
LQMHFWHG DQ DPRXQW RI FKDUJH 4 ,27 LQWR WKH QHWZRUN
5%&% ,I WKLV FKDUJH KDV QRW LQFUHDVHG WKH YROWDJH 9%
VXFK WKDW 9% !9, WKH FRPSDUDWRU DJDLQ ILUHV WKH RQHVKRW
DQG WKH FXUUHQW VRXUFH LQMHFWV DQRWKHU 4 LQWR WKH 5%&%
QHWZRUN 7KLV SURFHVV FRQWLQXHV XQWLO 9% !9, :KHQ WKLV
FRQGLWLRQ LV DFKLHYHG WKH FXUUHQW VRXUFH UHPDLQV RII DQG
WKH YROWDJH 9% GHFD\V XQWLO 9% LV DJDLQ HTXDO WR 9, 7KLV
FRPSOHWHV RQH F\FOH 7KH 9)& ZLOO QRZ UXQ LQ D VWHDG\
VWDWH PRGH 7KH FXUUHQW VRXUFH FKDUJHV WKH FDSDFLWRU &%
DW D UDWH VXFK WKDW 9% !9, 6LQFH WKH GLVFKDUJH UDWH RI
FDSDFLWRU &% LV SURSRUWLRQDO WR 9% 5% WKH IUHTXHQF\ DW
ZKLFK WKH V\VWHP UXQV ZLOO EH SURSRUWLRQDO WR WKH LQSXW
YROWDJH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com