Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT760 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT760
Description  Schottky barrier diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT760 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT760 Datasheet HTML 1Page - NXP Semiconductors BAT760 Datasheet HTML 2Page - NXP Semiconductors BAT760 Datasheet HTML 3Page - NXP Semiconductors BAT760 Datasheet HTML 4Page - NXP Semiconductors BAT760 Datasheet HTML 5Page - NXP Semiconductors BAT760 Datasheet HTML 6Page - NXP Semiconductors BAT760 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Jan 26
3
Philips Semiconductors
Product specification
Schottky barrier diode
BAT760
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Notes
1. Mounted on printed-circuit board 10
× 10 mm2 Cu.
2. Mounted on printed-circuit board 40
× 40 mm2 Cu.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
continuous forward voltage
see Fig.2 and note 1
IF = 10 mA
240
270
mV
IF = 100 mA
300
350
mV
IF = 1 A
480
550
mV
IR
reverse current
see Fig.3 and note 1
VR =5V
5
10
µA
VR =8V
7
20
µA
VR = 15 V
10
50
µA
Cd
diode capacitance
VR = 5 V; f = 1 MHz; see Fig.4 19
25
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
220
K/W
note 2
180
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com