Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QID3320004 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # QID3320004
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320004 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  QID3320004 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
QID3320004
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/14 Rev. 6
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
—
23
—
nF
Output Capacitance
Coes
VGE = 0V, VCE = 10V
—
1.5
—
nF
Reverse Transfer Capacitance
Cres
—
0.7
—
nF
Turn-on Delay Time
td(on)
VCC = 1800V, IC = 200A,
—
800
—
ns
Rise Time
tr
VGE = ±15V,
—
160
—
ns
Turn-off Delay Time
td(off)
RG(on) = 15Ω, RG(off) = 50Ω,
—
3200
—
ns
Fall Time
tf
LS = 100nH, Inductive Load
—
1300
—
ns
Turn-on Switching Energy
Eon
Tj = 150°C, IC = 200A, VGE = ±15V,
—
495
—
mJ/P
Turn-off Switching Energy
Eoff
RG(on) = 15Ω, RG(off) = 50Ω,
—
360
—
mJ/P
VCC = 1800V, LS = 100nH, Inductive Load
Diode Reverse Recovery Time**
trr
VCC = 1800V, IE = 200A,
—
500
—
ns
Diode Reverse Recovery Charge**
Qrr
VGE = ±15V, RG(on) = 15Ω,
—
180*
—
µC
Diode Reverse Recovery Energy
Erec
LS = 100nH, Inductive Load, Tj = 150°C
—
265
—
mJ/P
Stray Inductance (C1-E2)
LSCE
—
60
—
nH
Lead Resistance Terminal-Chip
RCE
—
0.8
—
mΩ
Thermal and Mechanical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case***
Rth(j-c) Q
Per IGBT
—
0.060
—
°C/W
Thermal Resistance, Junction to Case***
Rth(j-c) D
Per FWDi
—
0.096
—
°C/W
Contact Thermal Resistance, Case to Fin
Rth(c-f)
Per Module,
—
0.018
—
°C/W
Thermal Grease Applied, λgrease = 1W/mK
Comparative Tracking Index
CTI
600
—
—
Clearance Distance in Air (Terminal to Base)
da(t-b)
35.0
—
—
mm
Creepage Distance Along Surface
ds(t-b)
64
—
—
mm
(Terminal to Base)
Clearance Distance in Air
da(t-t)
19
—
—
mm
(Terminal to Terminal)
Creepage Distance Along Surface
ds(t-t)
54
—
—
mm
(Terminal to Terminal)
*Pulse width and repetition rate should be such that device junction temperature rise is negligible.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
***TC measurement point is just under the chips.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com