Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39751B8317P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39751B8317P810
Description  SAW Components SAW filter for Femtocell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39751B8317P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39751B8317P810 Datasheet HTML 1Page - TDK Electronics B39751B8317P810 Datasheet HTML 2Page - TDK Electronics B39751B8317P810 Datasheet HTML 3Page - TDK Electronics B39751B8317P810 Datasheet HTML 4Page - TDK Electronics B39751B8317P810 Datasheet HTML 5Page - TDK Electronics B39751B8317P810 Datasheet HTML 6Page - TDK Electronics B39751B8317P810 Datasheet HTML 7Page - TDK Electronics B39751B8317P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 31, 2013
B8317
751.00 MHz
SAW Components
SAW filter for Femtocell
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-10 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@25˚C
max.
Center frequency
fC
—
751.0
—
MHz
Maximum insertion attenuation
α
max
746.0 ...
756.0
MHz
—
2.0
3.0
dB
Amplitude ripple(p-p)
∆α
746.0 ...
756.0
MHz
—
0.7
1.3
dB
Input VSWR
746.0 ...
756.0
MHz
—
1.8
2.0
Output VSWR
746.0 ...
756.0
MHz
—
1.7
2.2
Absolute Attenuation
α
abs
50
...
700.0
MHz
50
66
—
dB
700.0 ...
720.0
MHz
45
53
—
dB
777.0 ...
787.0
MHz
40
43
—
dB
787.0 ...
800.0
MHz
42
45
—
dB
800.0 ... 1500.0
MHz
50
56
—
dB
1500.0 ... 3000.0
MHz
40
45
—
dB
3000.0 ... 5000.0
MHz
38
43
—
dB
5000.0 ... 6000.0
MHz
22
28
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com