Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC451AJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC451AJ
Description  Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC451AJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC451AJ Datasheet HTML 2Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 3Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 6Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 7Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 8Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 9Page - National Semiconductor (TI) CLC451AJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
http://www.national.com
6
±5V Typical Performance (A
v = +2, RL = 100Ω,VCC = ± 5V, unless specified)
Gain Flatness
Vo = 1Vpp
Frequency (MHz)
0
5
10
15
20
25
30
Large & Small Signal Pulse Response
Time (10ns/div)
Large Signal
Small Signal
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
Vo = 2Vpp
-90
-80
-70
-60
-50
-40
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
2nd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-30
-35
-40
-45
-50
-55
-60
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-25
-30
-35
-40
-45
-50
-55
-60
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-58
-60
-62
-64
-66
-68
-70
-72
-74
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-30
-40
-50
-60
-70
-80
2MHz
5MHz
10MHz
1MHz
2nd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-60
-65
-70
-75
-80
-85
2MHz
5MHz
10MHz
1MHz
3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-50
-55
-60
-65
-70
-75
-80
-85
2MHz
5MHz
10MHz
1MHz
Recommended Rs vs. CL
CL (pF)
10
100
1000
50
40
30
20
10
0
CL
1k
Rs
+
-
1k
1k
Maximum Output Voltage vs. RL
RL (
Ω)
10
100
1000
2
3
4
5
6
7
8
10
9
Differential Gain & Phase
Number of 150
Ω Loads
12
3
4
-0.1
-0.3
-0.2
-0.4
-0.3
-0.5
-0.4
-0.6
-0.5
-0.7
-0.6
-0.8
-0.7
-0.9
f = 3.58MHz
Gain Positive Sync
Phase Negative Sync
Phase Positive Sync
Gain Negative Sync
IBN, Vos vs. Temperature
Temperature (
°C)
-100
-50
0
50
100
150
-0.5
0
0.5
1
1.5
-4
0
4
8
12
IBN
Vos
Short Term Settling Time
Time (ns)
1
10
100
1000
-0.2
-0.1
0
0.1
0.2
Vo = 2Vstep
Long Term Settling Time
Time (s)
1
µ
10
µ
100
µ
1m
10m
100m
1
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
Vo = 2Vstep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com