Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC446AMC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446AMC
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446AMC Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC446AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 9Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 10Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 11Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
high frequency performance, maintain low parasitic
capacitance from the diodes D1 and D2 to ground, and
from the input of the CLC522 to ground.
Figure 11: Full-Wave Rectifier
Elliptic Low-pass, Anti-aliasing Filter
Elliptic filters are often used in anti-aliasing applications.
If there is noise or undesired signals at frequencies
above 1/2 the sampling rate of an A/D converter, then
these signals are aliased down into the operating
frequency range, degrading the signal of interest. To
filter out these undesired signal components, place a low
pass filter in front of the A/D converter.
The
Typical Application depicted on the front page is a
10MHz, third-order elliptic filter. It has a voltage-
controlled, voltage source (VCVS) topology using a
CLC446. To calculate the component values for this
filter, do the following:
1. Select the filter approximation function for your
application (see References [1-2]). For this design
we chose:
Filter type = Elliptic
Filter order (n) = 3
Passband ripple = 0.18dB
Mininimum stopband attenuation (Amin) =
37.44dB
Cuttoff frequency = 10MHz (at 0.18dB
attenuation)
These choices produce the following results:
-3dB frequency = 12.7MHz
Stopband corner frequency = 29.3MHz
2. Find the pole and zero locations. Reference [1]
gave the following for our filter:
Pole 1:
α = 0.38621
Pole 2:
α
o = 0.88668
Zero 1:
β = 1.13897
Zero 2:
ω= 3.3505
3. Denormalize the frequency by multiplying by
the cutoff frequency (
ω
o) in radians/second.
For our filter we have:
Cutoff frequency:
ω
o = 2π(10MHz) =
62.832 x 106rad/s
Pole 1:
α' = ω
oα = 24.266 x 10
6rad/s
Pole 2:
α
o
' =
ω
oαo = 55.712 x 10
6rad/s
Zero 1:
β' = ω
oβ = 21.052 x 10
6rad/s
Zero 2:
ω' = ωoω= 71.564 x 106rad/s
4. Calculate these intermediate coefficients used
in Reference [2].
For this design, a = 0.64226, b = 7.7612 and
c = 75.556 x 106.
5. Set the following resistance and capacitance
scaling factors:
R = an arbitrary value
C = an arbitrary value
We chose C = 47pF and R = 1.00k
Ω.
6. Calculate the capacitor, resistor and gain (K)
values using these equations:
For this design, the calculated values are:
C1 = 47pF, C2 = 91pF, C3 = C4 = 23.5pF,
C5 = 17.95pF, R1 = R2 = 202.1Ω, R3 = 101.1Ω,
R4 = 3190Ω, R5 = 1000Ω and K = 4.928.
7. Select the feedback resistor (Rf) and gain-
setting resistor (Rg) values to obtain a non-
inverting voltage gain of Av = K. See the DC
Gain (non-inverting) sub-section for details
on selecting these values.
+
-
CLC446
Vo
+
-
500
CLC522
250
250
3
250
D1
D2
Rg
162
R1
50
R2
50
3
4
5
6
2
Rf
800
Ro
50
20
12
9
10
Vg
Rin
50
Vin
2
6
c'
'
a
2'
c
b
'
c
2
2
2
=
() +
()
== 
αβ
αω
CC
CC
C
2
C
Cb 1
4
R
1
cC b
RR
R
2
R
4b
cC 1 b
4cC
RR
C
1
R'
K2
2C
C
a
2b
2
Cb
1
cR
aC
1
34
2
3
12
3
4
2
5
5
o
2
4
2
=
==
()
=
==
=
() +
=
=
=+
+


α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com