Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C811 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39C811
Description  Ultra Low Power Buck PMIC Solar/Vibrations Energy Harvesting
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C811 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39C811 Datasheet HTML 17Page - Cypress Semiconductor MB39C811 Datasheet HTML 18Page - Cypress Semiconductor MB39C811 Datasheet HTML 19Page - Cypress Semiconductor MB39C811 Datasheet HTML 20Page - Cypress Semiconductor MB39C811 Datasheet HTML 21Page - Cypress Semiconductor MB39C811 Datasheet HTML 22Page - Cypress Semiconductor MB39C811 Datasheet HTML 23Page - Cypress Semiconductor MB39C811 Datasheet HTML 24Page - Cypress Semiconductor MB39C811 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Document Number: 002-08401 Rev *A
Page 21 of 36
MB39C811
IOUT = 0A, L = 22µH
IVIN in Start-up vs VIN
Preset output voltage = 3.3V
VIN [V]
0
1
-40
oC
25
oC
85
oC
2
3
4
5
6
VUVLOH
0.0
0.5
1.5
3.0
1.0
2.0
2.5
IOUT = 0A, L = 22µH
IVIN in Sleep mode vs VIN
VIN [V]
0
0.0
0.5
1.5
3.0
25
oC
2
4
6
8
10
12
14
16
18
Preset output voltage = 3.3V
1.0
2.0
2.5
85
oC
-40
oC
Temp. [
oC]
-40
IOUT = 0A, L = 22µH
IVIN in Sleep mode vs Temp.
Preset output voltage = 1.5V
-20
0
20
40
60
80 90
VIN=18V (Sleep mode)
VIN=4.5V (Sleep mode)
VIN=2.5V
0.0
0.5
1.5
3.0
1.0
2.0
2.5
VIN = 7.0V, L = 22µH
VUVLOH vs Temp.
Preset output voltage = 5.0V
Temp. [
oC]
2
Preset output voltage = 3.3V
Preset output voltage = 1.5V
-40
-20
0
20
40
60
80 90
4
5
6
7
8
3
VIN = 7.0V, L = 22µH
VUVLOL vs Temp.
Preset output voltage = 5.0V
Temp. [
oC]
Preset output voltage = 3.3V
Preset output voltage = 1.5V
-40
-20
0
20
40
60
80 90
2
4
5
6
7
8
3
Temp. [
oC]
-40
IVIN = 1mA, IOUT = 0A, L = 22µH
VSHUNT vs Temp.
Preset output voltage = 1.5V
19
-20
0
20
40
60
80 90
24
20
21
22
23
VIN = 7.0V, L = 22µH
IPEAK vs Temp.
Temp. [
oC]
230
Preset output voltage = 3.3V
-40
-20
0
20
40
60
80 90
290
Preset output voltage = 5.0V
240
250
260
270
280
Preset output voltage = 1.5V
On-Resistance of PMOS/NMOS
Temp. [
oC]
-40
-20
0
20
40
60
80 85
1.2
2.6
1.4
1.6
1.8
2.0
2.2
2.4
PMOS
vs Temp.
NMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com