Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C64113
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C64113 Datasheet HTML 1Page - Cypress Semiconductor CY7C64113 Datasheet HTML 2Page - Cypress Semiconductor CY7C64113 Datasheet HTML 3Page - Cypress Semiconductor CY7C64113 Datasheet HTML 4Page - Cypress Semiconductor CY7C64113 Datasheet HTML 5Page - Cypress Semiconductor CY7C64113 Datasheet HTML 6Page - Cypress Semiconductor CY7C64113 Datasheet HTML 7Page - Cypress Semiconductor CY7C64113 Datasheet HTML 8Page - Cypress Semiconductor CY7C64113 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 2 of 48
TABLE OF CONTENTS
1.0 FEATURES ..................................................................................................................................... 5
2.0 FUNCTIONAL OVERVIEW ............................................................................................................. 6
3.0 PIN CONFIGURATIONS ................................................................................................................. 8
4.0 PRODUCT SUMMARY TABLES ....................................................................................................9
4.1 Pin Assignments ........................................................................................................................... 9
4.2 I/O Register Summary ................................................................................................................... 9
4.3 Instruction Set Summary ............................................................................................................ 11
5.0 PROGRAMMING MODEL ............................................................................................................. 12
5.1 14-Bit Program Counter (PC) ...................................................................................................... 12
5.1.1 Program Memory Organization ......................................................................................................... 13
5.2 8-Bit Accumulator (A) .................................................................................................................. 13
5.3 8-Bit Temporary Register (X) ...................................................................................................... 13
5.4 8-Bit Program Stack Pointer (PSP) ............................................................................................ 14
5.4.1 Data Memory Organization ................................................................................................................ 14
5.5 8-Bit Data Stack Pointer (DSP) ................................................................................................... 14
5.6 Address Modes ............................................................................................................................ 15
5.6.1 Data (Immediate) ................................................................................................................................. 15
5.6.2 Direct ................................................................................................................................................... 15
5.6.3 Indexed ................................................................................................................................................ 15
6.0 CLOCKING .................................................................................................................................... 15
7.0 RESET ........................................................................................................................................... 16
7.1 Power-On Reset (POR) ................................................................................................................ 16
7.2 Watch Dog Reset (WDR) ............................................................................................................. 16
8.0 SUSPEND MODE .......................................................................................................................... 17
9.0 GENERAL-PURPOSE I/O (GPIO) PORTS ................................................................................... 17
9.1 GPIO Configuration Port ............................................................................................................. 18
9.2 GPIO Interrupt Enable Ports ....................................................................................................... 19
10.0 DAC PORT .................................................................................................................................. 20
10.1 DAC Isink Registers .................................................................................................................. 20
10.2 DAC Port Interrupts ................................................................................................................... 21
11.0 12-BIT FREE-RUNNING TIMER ................................................................................................. 21
11.1 Timer (LSB) ................................................................................................................................ 21
11.2 Timer (MSB) ................................................................................................................................ 21
12.0 I2C AND HAPI CONFIGURATION REGISTER ......................................................................... 22
13.0 I2C COMPATIBLE CONTROLLER ............................................................................................. 23
14.0 HARDWARE ASSISTED PARALLEL INTERFACE (HAPI) ....................................................... 24
15.0 PROCESSOR STATUS AND CONTROL REGISTER ............................................................... 25
16.0 INTERRUPTS .............................................................................................................................. 26
16.1 Interrupt Vectors ........................................................................................................................ 27
16.2 Interrupt Latency ....................................................................................................................... 28
16.3 USB Bus Reset Interrupt ........................................................................................................... 28
16.4 Timer Interrupt ........................................................................................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com