Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS30C7201 Datasheet(PDF) 77 Page - Hynix Semiconductor

Part # GMS30C7201
Description  60MHz operation frequency Low power consumption
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C7201 Datasheet(HTML) 77 Page - Hynix Semiconductor

Back Button GMS30C7201 Datasheet HTML 73Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 74Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 75Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 76Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 77Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 78Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 79Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 80Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 81Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 352 page
background image
SDRAM Controller
8-5
GMS30C7201 Data Sheet
8.4
SDRAM Control Registers
The SDRAM controller has three registers: the configuration, refresh timer and the Write Buffer
Flush timer. The configuration register’s main function is to specify the number of SDRAMs
connected, and whether they are 2- or 4-bank devices. The refresh timer gives the number of
BCLK ticks that need to be counted in-between each refresh period. The Write Buffer Flush
timer is used to set the number of BCLK ticks since the last write operation, before the write
buffer’s contents are transferred to SDRAM.
In addition to the SDRAM control registers, the ARM may access the SDRAM mode registers
by writing to a 64MByte address space referenced from the SDRAM mode register base
address. Writing to the SDRAM mode registers is discussed further in 8.5 Power-up
Initialization of the SDRAMs on page 8-10.
8.4.1 Configuration Register
Address:
SDRAM register base address
The SDRAM controller configuration register is a 32-bit wide split read/write register, such that
bits [23:0] should be configured by the ARM, and bits [31:24] provide status information that
are read-only.
All locations containing “-” are for future expansion, and should always be programmed with
the binary value 0. Writes to bits [31:24] are always ignored.
E[3:0]
Device Enable - indicates that there is a physical SDRAM present in each of
the four slots in the address map. This bit is used to determine whether an
auto-refresh command should be issued to a particular memory device.
slot 0 - address range 0–16Mbyte
slot 1 - address range 16–32MByte
slot 2 - address range 32–48MByte
slot 3 - address range 48–64MByte
Value = 1 if a device is present
Value = 0 if a device is not present
B[3:0]
Indicates whether the SDRAM in the slot is a 2- or 4-bank device
Value = 1 if a four-bank device
Address
Name
Description
SDRAMCBase + 0x00
ConfigReg
#32-bit R/W
SDRAMCBase + 0x04
RefreshTmr
#16-bit R/W
SDRAMCBase + 0x08
Write buffer flush timer
#3-bit R/W
Table 8-4: SDRAM controller registers
31
23
15
7
0
S1 S0 ---
--
R
A
C1 C0 DC W PE3 B3 --
E2 B2 --
E1 B1 --
E0 B0 --



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com