Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5523 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5523
Description  Low-Power, Variable Gain Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5523 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC5523 Datasheet HTML 4Page - National Semiconductor (TI) CLC5523 Datasheet HTML 5Page - National Semiconductor (TI) CLC5523 Datasheet HTML 6Page - National Semiconductor (TI) CLC5523 Datasheet HTML 7Page - National Semiconductor (TI) CLC5523 Datasheet HTML 8Page - National Semiconductor (TI) CLC5523 Datasheet HTML 9Page - National Semiconductor (TI) CLC5523 Datasheet HTML 10Page - National Semiconductor (TI) CLC5523 Datasheet HTML 11Page - National Semiconductor (TI) CLC5523 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
Digital Gain Control
Digitally variable gain control can be easily realized
by driving the CLC5523’s gain control input with a
digital-to-analog converter (DAC). Figure 10 illustrates
such an application. This circuit employs National
Semiconductor’s eight-bit DAC0830, the LM351 JFET
input op-amp, and the CLC5523 VGA. With Vref set to 2V,
the circuit provides up to 80dB of gain control in
512 steps with up to 0.05% full scale resolution. The
maximum gain of this circuit is 20dB.
Figure 10: Digital Gain Control
Automatic Gain Control (AGC) #1
Fast Response AGC Loop
The AGC circuit shown in Figure 11 will correct a 6dB
input amplitude step in 100ns. The circuit includes a two
op-amp precision rectifier amplitude detector (U1 and
U2), and an integrator (U3) to provide high loop gain at
low frequencies. The output amplitude is set by R9.
Some notes on building fast AGC loops:
Precision rectifiers work best with large output signals.
Accuracy is improved by blocking DC offsets, as shown in
Figure 11.
Signal frequencies must not reach the gain control port of
the CLC5523, or the output signal will be distorted
(modulated by itself).
A fast settling AGC needs
additional filtering beyond the integrator stage to
block signal frequencies. This is provided in Figure 11
by a simple R-C filter (R10 and C3); better distortion
performance can be achieved with a more complex filter.
These filters should be scaled with the input signal
frequency.
Loops with slower response time (longer
integration time constants) may not need the R10 –
C3 filter.
Checking the loop stability can be done by monitoring the
Vg voltage while applying a step change in input signal
amplitude. Changing the input signal amplitude can be
easily done with either an arbitrary waveform generator
or a fast multiplexer such as the CLC532.
Automatic Gain Control (AGC) #2
Figure 12 on the following page, illustrates an automatic
gain control circuit that employs two CLC5523’s. In this
circuit, U1 receives the input signal and produces an
output signal of constant amplitude. U2 is configured
to provide negative feedback. U2 generates a rectified
gain control signal that works against an adjustable
bias level which may be set by the potentiometer and
Rb.Ci integrates the bias and negative feedback. The
resultant gain control signal is applied to the U1 gain
control input Vg. The bias adjustment allows the U1
output to be set at an arbitrary level less than the
maximum
output
specification
of
the
amplifier.
Rectification is accomplished in U2 by driving both
the amplifier input and the gain control input with the
U1 output signal. The voltage divider that is formed
by R1, R2 and the Vg input (pin 1) resistance, sets the
rectifier gain.
CLC5523 Applications
CLC5523
Rf
1k
2
3
4
1
6
7
25
W
RG
100
W
Vo
Vin
-
+
LM351
DAC0830
Io2
Io1
Rfb
Vref
Digital
Input
+
-
CLC5523
Rf
Output
20MHz,
0.1Vpp
Vin
Rg
100
W
2
3
4
1
6
7
-
+
U3
CLC426
R10
500
W
C3
40pF
C2
680pF
R9
4.22k
-5V
R8
500
W
R7
500
W
+
-
U2
CLC404
R5
25
W
R6
500
W
-
+
U1
CLC404
1N5712
Schottky
R3
500
W
R4
500
W
R2
25
W
R1
20
W
C1
1.0
mF
Includes scope
probe capacitance
Figure 11: Automatic Gain Control Circuit #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com