Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML2502 Datasheet(PDF) 6 Page - International Rectifier

Part # IRLML2502
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2502 Datasheet(HTML) 6 Page - International Rectifier

  IRLML2502 Datasheet HTML 1Page - International Rectifier IRLML2502 Datasheet HTML 2Page - International Rectifier IRLML2502 Datasheet HTML 3Page - International Rectifier IRLML2502 Datasheet HTML 4Page - International Rectifier IRLML2502 Datasheet HTML 5Page - International Rectifier IRLML2502 Datasheet HTML 6Page - International Rectifier IRLML2502 Datasheet HTML 7Page - International Rectifier IRLML2502 Datasheet HTML 8Page - International Rectifier IRLML2502 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRLML2502
6
www.irf.com
Fig 12. On-Resistance Vs. Drain Current
Fig 11. On-Resistance Vs. Gate Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VGS, Gate -to -Source Voltage ( V )
0.02
0.03
0.04
0.05
Id = 4.0A
0
1020
3040
iD , Drain Current ( A )
0.00
0.10
0.20
0.30
VGS = 4.5V
VGS = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com